Electronic Components Datasheet Search
  English  ▼

X  

LM337L Datasheet(PDF) 4 Page - Texas Instruments

Part # LM337L
Description  LM337L 3-Terminal Adjustable Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM337L Datasheet(HTML) 4 Page - Texas Instruments

  LM337L Datasheet HTML 1Page - Texas Instruments LM337L Datasheet HTML 2Page - Texas Instruments LM337L Datasheet HTML 3Page - Texas Instruments LM337L Datasheet HTML 4Page - Texas Instruments LM337L Datasheet HTML 5Page - Texas Instruments LM337L Datasheet HTML 6Page - Texas Instruments LM337L Datasheet HTML 7Page - Texas Instruments LM337L Datasheet HTML 8Page - Texas Instruments LM337L Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
4
LM337L
SNVS780E – MAY 1998 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: LM337L
Submit Documentation Feedback
Copyright © 1998–2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
LM337L
UNIT
D (SOIC)
LP (TO-92)
8 PINS
3 PINS
RθJA
Junction-to-ambient thermal resistance
111.3
156.9
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
56.1
80.2
°C/W
RθJB
Junction-to-board thermal resistance
51.9
—
°C/W
ψJT
Junction-to-top characterization parameter
10.6
24.7
°C/W
ψJB
Junction-to-board characterization parameter
51.3
136.2
°C/W
(1)
Unless otherwise specified, these specifications apply –25°C
≤ TJ ≤ 125°C for the LM337L; |VIN – VOUT| = 5 V and IOUT = 40 mA.
Although power dissipation is internally limited, these specifications are applicable for power dissipations up to 625 mW. IMAX is 100 mA.
(2)
Regulation is measured at constant junction temperature, using pulse testing with a low duty cycle. Changes in output voltage due to
heating effects are covered under the specification for thermal regulation.
6.5 Electrical Characteristics
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Line regulation(2)
TA = 25°C, 3 V ≤ |VIN – VOUT| ≤ 40 V
0.01
0.04
%/V
Load regulation(2)
TA = 25°C, 5 mA ≤ IOUT ≤ IMAX
0.1%
0.5%
Thermal regulation
TA = 25°C, 10-ms Pulse
0.04
0.2
%/W
Adjustment pin current
50
100
μA
Adjustment pin current change
5 mA
≤ IL ≤ 100 mA, 3 V ≤ |VIN – VOUT| ≤ 40 V
0.2
5
μA
Reference voltage
3 V
≤ |VIN – VOUT| ≤ 40 V, 10 mA ≤ IOUT ≤ 100 mA, P ≤
625 mW
1.2
1.25
1.3
V
Line regulation(2)
3 V
≤ |VIN – VOUT| ≤ 40 V
0.02
0.07
%/V
Load regulation(2)
5 mA
≤ IOUT ≤ 100 mA
0.3%
1.5%
Temperature stability
TMIN ≤ Tj ≤ TMAX
0.65%
Minimum load current
|VIN – VOUT| ≤ 40 V
3.5
5
mA
3 V
≤ |VIN – VOUT| ≤ 15 V
2.2
3.5
mA
Current limit
3 V
≤ |VIN – VOUT| ≤ 13 V
100
200
320
mA
|VIN – VOUT| = 40 V
25
50
120
mA
RMS output noise, % of VOUT
TA = 25°C, 10 Hz ≤ f ≤ 10 kHz
0.003%
Ripple rejection ratio
VOUT = –10 V, F = 120 Hz, CADJ = 0
65
dB
CADJ = 10 μF
66
80
dB
Long-term stability
TA = 125°C
0.3%
1%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com