Electronic Components Datasheet Search
  English  ▼

X  

ISO7830F Datasheet(PDF) 6 Page - Texas Instruments

Part # ISO7830F
Description  ISO7830x High-Performance, 8000-VPK Reinforced Triple Digital Isolators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7830F Datasheet(HTML) 6 Page - Texas Instruments

Back Button ISO7830F Datasheet HTML 2Page - Texas Instruments ISO7830F Datasheet HTML 3Page - Texas Instruments ISO7830F Datasheet HTML 4Page - Texas Instruments ISO7830F Datasheet HTML 5Page - Texas Instruments ISO7830F Datasheet HTML 6Page - Texas Instruments ISO7830F Datasheet HTML 7Page - Texas Instruments ISO7830F Datasheet HTML 8Page - Texas Instruments ISO7830F Datasheet HTML 9Page - Texas Instruments ISO7830F Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
6
ISO7830, ISO7830F
SLLSEO2B – JULY 2015 – REVISED JUNE 2016
www.ti.com
Product Folder Links: ISO7830 ISO7830F
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
ISO7830
UNIT
DW (SOIC)
DWW (SOIC)
16 PINS
16 PINS
RθJA
Junction-to-ambient thermal resistance
81.1
83.4
°C/W
RθJC(top)
Junction-to-case(top) thermal resistance
43.8
45.2
°C/W
RθJB
Junction-to-board thermal resistance
45.7
54.1
°C/W
ψJT
Junction-to-top characterization parameter
17.0
17.6
°C/W
ψJB
Junction-to-board characterization parameter
45.2
53.3
°C/W
RθJC(bottom)
Junction-to-case(bottom) thermal resistance
—
—
°C/W
6.5 Power Rating
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PD
Maximum power dissipation
VCC1 = VCC2 = 5.5 V, TJ = 150°C,
CL = 15 pF, input a 50 MHz 50% duty
cycle square wave
150
mW
PD1
Maximum power dissipation by side-1
25
mW
PD2
Maximum power dissipation by side-2
125
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com