Electronic Components Datasheet Search
  English  ▼

X  

2379 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 2379
Description  USB Cable with Switch - A/MicroB
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

2379 Datasheet(HTML) 2 Page - Adafruit Industries

  2379 Datasheet HTML 1Page - Adafruit Industries 2379 Datasheet HTML 2Page - Adafruit Industries 2379 Datasheet HTML 3Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
-
DESCRIPTION
ON...off...ON...off...ON...off...ON...off...WE CAN'T STOP CLICKING THIS ON-OFF
SWITCH! It has such a satisfying click and it works so well.  Plus, it's just about
perfect for charging your Raspberry Pi - either Model B, A+, B+, or Pi 2.  Just hook
up the standard USB end to a 5V 1A USB port power supply or 5V 2A USB port
power supply and the Micro B end to a Raspberry Pi and you have a Pi with a switch.
This cable will also work with anything that has a MicroUSB port.  This cable does
not transfer data - so it's mostly just good for powering and charging devices - but
adding an on/off switch to your power supply is a nice addition and one that we
absolutely love clicking.
11/30/2015
http://www.adafruit.com/products/2379



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com