Electronic Components Datasheet Search
  English  ▼

X  

2513 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 2513
Description  Silicone Cover Stranded-Core Wire - 25ft 26AWG - Red
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

2513 Datasheet(HTML) 2 Page - Adafruit Industries

  2513 Datasheet HTML 1Page - Adafruit Industries 2513 Datasheet HTML 2Page - Adafruit Industries 2513 Datasheet HTML 3Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
-
DESCRIPTION
Silicone-sheathing wire is super-flexible and soft, and its also strong! Able to
handle up to 200°C and up to 600V, it will do when PVC covered wire wimps out.
We like this wire for being extremely supple and flexible, so it is great for
wearables or projects where the wire-harness has to be able to deal with a lot of
bending.
Comes with one 25ft spool of red wire. The wire is 26AWG stranded with an outer
diameter of 1.5mm.
3/30/2016
https://www.adafruit.com/products/2513



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com