Electronic Components Datasheet Search
  English  ▼

X  

2777 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 2777
Description  USB to 2.1mm DC Booster Cable - 9V
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

2777 Datasheet(HTML) 1 Page - Adafruit Industries

  2777 Datasheet HTML 1Page - Adafruit Industries 2777 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
 
 
USB to 2.1mm DC Booster Cable - 9V
PRODUCT ID: 2777  
 
 
Description
This cable is kinda fascinating ‐ it has an integrated boost converter, so you can plug it into any USB 
port (from a computer, battery pack, etc) and it will give you a higher DC voltage! It's a handy way to 
power 9V powered devices with a center‐positive 2.1mm DC barrel jack from a USB port. We also have 
a version that provides 12V, and if you just need a passthough cable, here's one for 5VDC. 
These are rated at 500mA output, but you can go a little higher, we pulled 700mA and we got a little 
voltage droop but it worked fine. Probably best not to draw 700mA continuously though! 


Similar Part No. - 2777

ManufacturerPart #DatasheetDescription
logo
Heyco.
2777 HEYCO-2777 Datasheet
111Kb / 1P
Vent Plugs and Thick Panel Vent Plugs
logo
Wiha Tools
27770 WIHA-27770 Datasheet
2Mb / 4P
PicoFinish® Precision Screwdrivers
logo
PHOENIX CONTACT
2777014 PHOENIX-2777014 Datasheet
130Kb / 11P
Feed-through terminal block - UDK 4-TG
2777030 PHOENIX-2777030 Datasheet
244Kb / 6P
UDK-RELG 2
2777043 PHOENIX-2777043 Datasheet
67Kb / 3P
Basic terminal block - UDK-RELG 3
More results

Similar Description - 2777

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSB817 FAIRCHILD-KSB817 Datasheet
56Kb / 5P
Audio Power Amplifier Car Booster Output Amplifier DC to DC Converter
logo
List of Unclassifed Man...
2VP5U9 ETC1-2VP5U9 Datasheet
481Kb / 6P
DC/DC CONVERTERS - 9V OUTPUT
C4074 ETC1-C4074 Datasheet
162Kb / 1P
DC Power Adaptor, 2.5mm DC Socket to 2.1mm DC Plug
JR8306-1.5M ETC2-JR8306-1.5M Datasheet
232Kb / 1P
2.1mm DC Plug to 2.1mm DC Jack
PPW00024 ETC2-PPW00024 Datasheet
157Kb / 1P
2.1mm DC Plug to Plug
logo
Diodes Incorporated
AL8806EV4 DIODES-AL8806EV4 Datasheet
1Mb / 12P
9V to 30V DC input (with 2 LEDs)
JULY 2011
logo
SHOUDING Shouding Semic...
SD2350D SHOUDING-SD2350D Datasheet
1Mb / 9P
DC/DC Booster chip
logo
IOGEAR
G2LUB16 IOGEAR-G2LUB16 Datasheet
125Kb / 2P
USB 1.1 A-A Booster Extension Cable - 16ft
GUE2118 IOGEAR-GUE2118 Datasheet
137Kb / 3P
USB 2.0 Booster Extension Cable - 39ft (TAA Compliant)
GUE216 IOGEAR-GUE216 Datasheet
124Kb / 2P
USB 2.0 Booster Extension Cable - 16ft
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com