Electronic Components Datasheet Search
  English  ▼

X  

2897 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 2897
Description  2.1mm to 2.5mm DC Barrel Plug Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

2897 Datasheet(HTML) 2 Page - Adafruit Industries

  2897 Datasheet HTML 1Page - Adafruit Industries 2897 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Remember that this will fit into a device that normally would require a 5.5 OD / 2.5mm ID plug, and lets
you use a 5.5/2.1mm plug. Once this is in place you can just any and all of our DC barrel-plug wall
adapters, as they all have 2.1mm plugs.
Technical Details
Dimensions: 41mm x 13mm / 1.6" x 0.5"
Weight: 4.5g
Engineered in NYC Adafruit ®



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com