Electronic Components Datasheet Search
  English  ▼

X  

2913 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 2913
Description  Ethernet RJ45 Male Plug Terminal Block
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

2913 Datasheet(HTML) 1 Page - Adafruit Industries

  2913 Datasheet HTML 1Page - Adafruit Industries 2913 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ethernet RJ45 Male Plug Terminal Block
Product ID: 2913
Description
If you need to connect an RJ45 cable (a.k.a Ethernet) to a board that with an
Ethernet Jack - this adapter will come in very handy! No soldering required. Just
use a slim screwdriver to open up the terminal blocks, slide in your stranded or
solid-core wire and re-tighten. Note that these aren't recommended for actual
Ethernet traffic, especially long term...but for basic power/data distribution,
RJ45's are great!
This is the Ethernet (RJ45) Male Plug Terminal Block. There is a standard RJ45
Ethernet plug on one end, and a screw terminal block on the other.
Please note these are wired using the '468b' connection scheme: RJ45 1-2-3-4-
5-6-7-8 connects to Screws 3-4-5-2-1-6-7-8
We also have a (matching) Ethernet Female Jack Terminal Block.


Similar Part No. - 2913

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
2913 INTEL-2913 Datasheet
1Mb / 21P
COMBINED SINGLE-CHIP PCM CODEC AND FILTER
logo
PHOENIX CONTACT
2913015 PHOENIX-2913015 Datasheet
2Mb / 9P
Flat panel monitor for the industrial environment
2913016 PHOENIX-2913016 Datasheet
49Kb / 2P
Monitor - VL FPM 12U
2913017 PHOENIX-2913017 Datasheet
49Kb / 2P
Monitor - VL FPM 15
2913018 PHOENIX-2913018 Datasheet
49Kb / 2P
Monitor - VL FPM 15U
More results

Similar Description - 2913

ManufacturerPart #DatasheetDescription
logo
EXCEL CELL ELECTRONIC C...
ETB88 ECE-ETB88 Datasheet
109Kb / 2P
PLUG IN TYPE TERMINAL BLOCK
ETB81 ECE-ETB81 Datasheet
139Kb / 2P
PLUG IN TYPE TERMINAL BLOCK
ETB84 ECE-ETB84 Datasheet
100Kb / 2P
PLUG IN TYPE TERMINAL BLOCK
ETB85 ECE-ETB85 Datasheet
140Kb / 2P
PLUG IN TYPE TERMINAL BLOCK
ETB86 ECE-ETB86 Datasheet
145Kb / 2P
PLUG IN TYPE TERMINAL BLOCK
ETB43 ECE-ETB43 Datasheet
132Kb / 4P
PLUG IN TYPE TERMINAL BLOCK
ETB44 ECE-ETB44 Datasheet
106Kb / 2P
PLUG IN TYPE TERMINAL BLOCK
ETB45 ECE-ETB45 Datasheet
142Kb / 2P
PLUG IN TYPE TERMINAL BLOCK
ETB41 ECE-ETB41 Datasheet
138Kb / 2P
PLUG IN TYPE TERMINAL BLOCK
ETB42 ECE-ETB42 Datasheet
146Kb / 2P
PLUG IN TYPE TERMINAL BLOCK
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com