Electronic Components Datasheet Search
  English  ▼

X  

2937 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 2937
Description  USB 2.0 WiFi Hub with 3 USB Ports
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

2937 Datasheet(HTML) 2 Page - Adafruit Industries

  2937 Datasheet HTML 1Page - Adafruit Industries 2937 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Description
One can never have enough socks, or USB ports. Add some more USB and WifI capability to your
Raspberry Pi or, really, any kind of computer with this USB 2.0 and WiFi Hub!
This handy combo-hub has 3 USB 2.0 ports, and an RTL8188EU WiFi transceiver. This chipset is really
common and can be used by any Linux, Mac or Windows computer. It's particularly handy for
the  Raspberry Pi A+ or brand new Raspberry Pi Zero which is tight on USB ports and has no built in WiFi.
If you need a similar Ethernet hub for a computer with USB, check out this product
Technical Details
RTL8188EU
3x USB 2.0 ports
Powered by USB
Linux, Windows and Mac compatible
Cable Length: 140mm / 5.5"
Product Dimensions: 100.0mm x 25.1mm x 17.0mm / 3.9" x 1.0" x 0.7"
Product Weight: 32.1g/1.1oz
Engineered in NYC Adafruit ®



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com