Electronic Components Datasheet Search
  English  ▼

X  

2983 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 2983
Description  Solid-Core Wire Spool - 25ft - 22AWG - Gray
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

2983 Datasheet(HTML) 1 Page - Adafruit Industries

  2983 Datasheet HTML 1Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Solid-Core Wire Spool - 25ft - 22AWG - Gray
PRODUCT ID: 2983
Description
For wearables or projects where the wire-harness has to be able to deal with a lot of bending, check out
our stranded-core wires.
ggray
Technical Details
Engineered in NYC Adafruit ®


Similar Part No. - 2983

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
2983 ALLEGRO-2983 Datasheet
180Kb / 10P
(UDN2981 - UDN2984) 8-CHANNEL SOURCE DRIVERS
2000
logo
Keystone Electronics Co...
2983 KEYSTONE-2983 Datasheet
392Kb / 1P
THRU HOLE (THM) & SURFACE MOUNT (SMT) COIN CELL RETAINERS
31-07 20th
logo
PHOENIX CONTACT
2983002 PHOENIX-2983002 Datasheet
108Kb / 4P
UMK- 1 OM-R/AMS
logo
Keystone Electronics Co...
2983TR KEYSTONE-2983TR Datasheet
392Kb / 1P
THRU HOLE (THM) & SURFACE MOUNT (SMT) COIN CELL RETAINERS
31-07 20th
More results

Similar Description - 2983

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C20032101 GENERAL-C20032101 Datasheet
74Kb / 3P
(C2003) Hook-Up Wire, 24 AWG Solid Tinned Copper, PVC Insulation, Black - 1000 Ft. Spool
logo
Tripp Lite. All Rights ...
N02201KGY TRIPPLITE-N02201KGY Datasheet
485Kb / 2P
Cat5e 350MHz Bulk Solid-Core PVC Cable - Gray, 1000-ft
N02401K TRIPPLITE-N02401K Datasheet
485Kb / 2P
Cat5e 350MHz Bulk Solid-Core Plenum-Rated Cable - Gray , 1000-ft
logo
List of Unclassifed Man...
85409-0038 ETC2-85409-0038 Datasheet
104Kb / 1P
Cable 22AWG
85409-0039 ETC2-85409-0039 Datasheet
129Kb / 1P
Cable 22AWG
logo
Tripp Lite. All Rights ...
N022-01K-GY TRIPPLITE-N022-01K-GY Datasheet
174Kb / 2P
Cat5e 350MHz Bulk Solid-Core PVC Cable - Gray, 1000-ft., TAA
N024-01K-GY TRIPPLITE-N024-01K-GY Datasheet
170Kb / 3P
Cat5e 350 MHz Bulk Solid-Core Plenum-Rated PVC Cable, Gray, 1000 ft.
N028-01K-GY TRIPPLITE-N028-01K-GY Datasheet
159Kb / 2P
Cat5e 350MHz Bulk Solid-Core PVC Outdoor- Rated Cable - Gray, 1000-ft.
logo
Schneider Electric
WISEREMCTEXT25 SCHNEIDER-WISEREMCTEXT25 Datasheet
74Kb / 1P
WISER ENERGY 25FT CT EXTENSION
Apr 6, 2020
logo
SparkFun Electronics
PRT-11367 SPARKFUN-PRT-11367 Datasheet
94Kb / 1P
Hook-Up Wire - Assortment (Solid Core, 22 AWG)
3/8/2016
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com