Electronic Components Datasheet Search
  English  ▼

X  

8259000000 Datasheet(PDF) 13 Page - Weidmuller

Part # 8259000000
Description  Weidmuller interface units
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

8259000000 Datasheet(HTML) 13 Page - Weidmuller

Back Button 8259000000 Datasheet HTML 9Page - Weidmuller 8259000000 Datasheet HTML 10Page - Weidmuller 8259000000 Datasheet HTML 11Page - Weidmuller 8259000000 Datasheet HTML 12Page - Weidmuller 8259000000 Datasheet HTML 13Page - Weidmuller 8259000000 Datasheet HTML 14Page - Weidmuller 8259000000 Datasheet HTML 15Page - Weidmuller 8259000000 Datasheet HTML 16Page - Weidmuller 8259000000 Datasheet HTML 17Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
A.13
A
Supply voltage distributor modules
• Distibution module for 2 supply connections to
8 or 16 potential distribution terminals
• 45 mm wide
• Potential distributor designed as two level con-
nection element
• Total current max. 10 A
• For mounting on rail TS35 x 7.5 and TS35 x 15
Technical data
Connection data
Connection on process side
Stripping length
Conversion PCB/plug connector utor +/- / 2-pole feed
Rated data
Rated voltage
Total current feed, max.
Electrical distribution, plus/minus
Storage temperature
Ambient temperature (operational)
Housing/Terminal rail
Insulation coordination (EN 50178)
Surge category/Pollution severity
Dimensions
Clamping range (rating- / min. / max.)
mm2
Length x width x height
mm
Note
Ordering data
Note
Supply Voltage Distributor Modules
RS VERT 8 LPK2
45
+
Connection data
PCB terminal LPK 2/ Screw connection
7.0 mm ing length
8-way supply voltage distributor +/- / 2-pole feed
Rated data
24 V AC/DC ge
10 A l current feed, max.
+/- potential tribution, plus/minus
-40 °C…+60 °C ure
0 °C…+55 °C ature (operational)
RS 45 section /TS 35 l
Insulation coordination (EN 50178)
III /2 category/Pollution severity
1.5 / 0.5 / 2.5
45 x 51.5 x 64
Type
Qty.
Order No.
RS VERT8 LPK2
1
8252010000
RS VERT 16 LPK2
45
+
Connection data
PCB terminal LPK 2 / Screw connection
7.0 mm ing length
16-way supply voltage distributor +/- / 2-pole feed
Rated data
24 V AC/DC ge
10 A l current feed, max.
+/- potential tribution, plus/minus
-40 °C…+60 °C ure
0 °C…+55 °C ature (operational)
RS 45 section /TS 35 l
Insulation coordination (EN 50178)
III /2 category/Pollution severity
1.5 / 0.5 / 2.5
45 x 92.5 x 64
Type
Qty.
Order No.
RS VERT16 LPK2
1
8234620000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com