Electronic Components Datasheet Search
  English  ▼

X  

CDH53 Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDH53
Description  POWER INDUCTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDH53 Datasheet(HTML) 2 Page - Sumida Corporation

  CDH53 Datasheet HTML 1Page - Sumida Corporation CDH53 Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
POWER INDUCTORS <SMD Type: CDH Series>
Type: CDH53
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
B Box
C Carrier Tape
◆
Specification
Part Name
※
Stamp
Inductance
[
Within]※2
D.C.R.(Ω)
Max.(Typ.)
(at 20℃)
Rated current
(A) ※1
CDH53NP-2R2M□
CDH53NP-3R3M□
CDH53NP-4R7M□
2R2
3R3
4R7
2.2μH ± 20 %
3.3μH ± 20 %
4.7μH ± 20 %
66m (51m)
88m (68m)
96m (74m)
2.03
1.88
1.68
CDH53NP-1ØØL□
CDH53NP-12ØL□
CDH53NP-15ØK□
100
120
150
10 μH ± 15 %
12 μH ± 15 %
15 μH ± 10 %
0.16(0.13)
0.18(0.14)
0.25(0.20)
1.23
1.12
1.00
CDH53NP-18ØK□
CDH53NP-22ØK□
CDH53NP-27ØK□
180
220
270
18 μH ± 10 %
22 μH ± 10 %
27 μH ± 10 %
0.28(0.21)
0.39(0.30)
0.42(0.32)
0.88
0.80
0.72
CDH53NP-33ØK□
CDH53NP-39ØK□
CDH53NP-47ØK□
330
390
470
33 μH ± 10 %
39 μH ± 10 %
47 μH ± 10 %
0.49(0.38)
0.55(0.43)
0.77(0.59)
0.67
0.64
0.53
CDH53NP-56ØK□
CDH53NP-68ØJ□
CDH53NP-82ØJ□
560
680
820
56 μH ± 10 %
68 μH ± 5 %
82 μH ± 5 %
0.87(0.67)
1.21(0.96)
1.34(1.07)
0.50
0.45
0.39
CDH53NP-1Ø1J□
CDH53NP-121J□
CDH53NP-151J□
101
121
151
100μH ± 5 %
120μH ± 5 %
150μH ± 5 %
1.57(1.25)
1.80(1.44)
2.40(1.92)
0.37
0.34
0.31
CDH53NP-181J□
CDH53NP-221J□
181
221
180μH ± 5 %
220μH ± 5 %
2.66(2.13)
3.73(2.99)
0.30
0.26
※
Description of part name
CDH53NP-2R2M□
※
1 Rated current: The DC current at which the inductance decreases to 90% of it's initial value
or when △t=40℃, whichever is lower(Ta=20℃).
※
2: Measuring frequency:
2.2μH ~ 4.7μH
at 7.96 MHz
10μH ~ 220μH
at
1 kHz



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com