Electronic Components Datasheet Search
  English  ▼

X  

26432-KA22 Datasheet(PDF) 1 Page - VAT Group AG

Part # 26432-KA22
Description  HV Angle Valve, Series 264, DN 40 (ID 1 1/2 ’’)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAT [VAT Group AG]
Direct Link  https://www.vatvalve.com/
Logo VAT - VAT Group AG

26432-KA22 Datasheet(HTML) 1 Page - VAT Group AG

  26432-KA22 Datasheet HTML 1Page - VAT Group AG 26432-KA22 Datasheet HTML 2Page - VAT Group AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VAT Vakuumventile AG
CH-9469 Haag, Schweiz
Product data sheet No. 260437EA
HV Angle Valve, Series 264, DN 40 (ID 1 1/2 ’’)
Ordering No. 26432-KA22 or 26432-KE22
Created by: C. Baur
Release date: 2005.04.08
Page 1 of 2
Modified by::
Release date:
260437EA
Description
Flanges
ISO-KF40
Actuator
- pneumatic, single acting with opening spring
- without solenoid
- with position indicator “open” and “closed”
Feedthrough
Bellows
Technical data
Leak rate
- body & valve seat
< 1 . 10
-9 mbar ls-1
Molecular flow conductance
45 ls
-1
Pressure range
1 . 10
-8 mbar to 5 bar, abs
Differential pressure on the plate:
- in opening direction
≤ 2 bar
- in closing direction
≤ 5 bar
Differential pressure at opening
≤ 1 bar in either direction
Closing time
≤ 0,55 sec.
Admissible temperature:
- valve body, actuator
0°C - 120°C
- position indicator
0°C - 80°C (option: 120°C)
Cycles until first service
3 million (Tmax 80°C, differential pressure max. 1 bar)
Material:
26432-KA22
26432-KE22
- valve body
Aluminum (AlMgSi)
Stainless Steel (AISI 304)
- pneumatic actuator
Aluminum
Aluminum
- valve plate
AISI 316L
AISI 316L
- bellows
AISI 316L (1.4404)
AISI 316L (1.4404)
- bonnet & plate seal
Viton
Viton
- actuator o-rings
Viton
Viton
Weight
0,99 kg / 2,182 lbs
1,15 kg / 2,535 lbs
Mounting position
any
Volume of air cylinder
0,035 l / 0,0012 ft
3
Compressed air pressure for pneumatic
4 - 8 bar / 60 - 115 psi
Compressed air connection
M5 female (option others)
Position indicator: contact rating
- Voltage
≤ 50V AC / DC
- Current
≤ 0.1A
- Power
≤ 1 W


Similar Part No. - 26432-KA22

ManufacturerPart #DatasheetDescription
logo
VAT Group AG
26432-KA21-0001 VAT-26432-KA21-0001 Datasheet
104Kb / 2P
HV angle valve Series 264, DN 40 (ID 1 1/2”)
More results

Similar Description - 26432-KA22

ManufacturerPart #DatasheetDescription
logo
Rohm
SLR-325VC ROHM-SLR-325VC Datasheet
122Kb / 3P
Viewing angle 2 1/2 : 40 Lead pitch 5mm
SLR-342 ROHM-SLR-342_10 Datasheet
878Kb / 4P
Viewing angle 2 1/2 : 40 Series
SLR-56MC3F ROHM-SLR-56MC3F Datasheet
899Kb / 4P
Viewing angle 2 1/2 : 40
SLI-343UR3F ROHM-SLI-343UR3F Datasheet
139Kb / 4P
Viewing angle 20 1/2 40
SLR-342MG3F ROHM-SLR-342MG3F Datasheet
878Kb / 4P
Viewing angle 20 1/2 40
SLR-343MGT32 ROHM-SLR-343MGT32 Datasheet
167Kb / 6P
Viewing angle 20 1/2 40
SLR-342VRT32 ROHM-SLR-342VRT32 Datasheet
810Kb / 5P
Viewing angle 20 1/2 40
SLR-56MGT32 ROHM-SLR-56MGT32 Datasheet
899Kb / 4P
Viewing angle 20 1/2 40
SLI-343D8U3F ROHM-SLI-343D8U3F Datasheet
145Kb / 4P
Viewing angle 2 1/2 40
SLR-56VC3F ROHM-SLR-56VC3F Datasheet
1Mb / 8P
Viewing angle 20 1/2 40
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com