Electronic Components Datasheet Search
  English  ▼

X  

5220 Datasheet(PDF) 1 Page - Keystone Electronics Corp.

Part # 5220
Description  BATTERY CONTACTS FOR MOLDED CASES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSTONE [Keystone Electronics Corp.]
Direct Link  https://www.keyelco.com/index.cfm
Logo KEYSTONE - Keystone Electronics Corp.

5220 Datasheet(HTML) 1 Page - Keystone Electronics Corp.

  5220 Datasheet HTML 1Page - Keystone Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SPRING & BUTTON CONTACTS
MATERIAL:
Plate: .020 (.51) Steel, Nickel Plate Spring: Spring Steel, Nickel Plate
.250
[6.4]
.098 [2.5] DIA.
.970 [24.6]
.551 [14.0]
.414 [10.5]
.500
[12.7]
.140 [3.6]
.280
[7.1]
DIA.
.057 [1.4]
.055
[1.40]
DIA.
.500
[12.7]
.425
[10.8]
.062 [1.57] DIA.
.250
[6.4]
.062 [1.57] DIA.
.055
[1.4]
DIA.
.425
[10.8]
.250
[6.4]
.414
[10.5]
.500
[12.7]
.906 [23.0]
.551 [14.0]
.295
[7.5]
.472
[12.0]
.157 [4.0]
.728
[18.5]
.414 [10.5]
.067 [1.70]
DIA.
.079 [2.00] DIA.
.236
[6.0]
DIA.
.057 [1.4]
.722
[18.3]
.275
[7.0]
.118
[3.0]
.472
[12.0]
.441
[11.2]
.067 [1.70] DIA.
.060 [1.52] DIA.
.060 [1.52] DIA.
.472
[12.0]
.414
[10.5]
.722
[18.3]
.118
[3.0]
.441
[11.2]
.275
[7.0]
.067 [1.70] DIA.
.470
[11.9]
.414 [10.52]
.728
[18.5]
.067 [1.70] DIA.
.079 [2.00] DIA.
.295
[7.5]
.157 [4.0]
.551 [14.0]
.970 [24.6]
.472
[12.0]
.236
[6.0]
DIA.
.441
[11.2]
.057 [1.4]
.275
[7.0]
.118
[3.0]
.722
[18.3]
.067 [1.70] DIA.
.060 [1.52] DIA.
.414
[10.5]
.441
[11.2]
.472
[12.0]
.118
[3.0]
.275
[7.0]
[18.3]
.722
.067 [1.70] DIA.
.060 [1.52] DIA.
Refer to page 35 for Battery Contact Layout & Mounting Details
(-) NEGATIVE SPRING
(+) POSITIVE BUTTON
DUAL CONTACT (“AA” ONLY)
DUAL CONTACT (“AA” ONLY)
(-) NEGATIVE SPRING WITH TAB
(+) POSITIVE BUTTON WITH TAB
DUAL CONTACT WITH TAB (“AA” ONLY)
(-) NEGATIVE SPRING WITH TAB/LANCE
(+) POSITIVE BUTTON WITH TAB/LANCE
CAT. NO. 5222
CAT. NO. 5221
CAT. NO. 5201
CAT. NO. 5223
CAT. NO. 5220
CAT. NO. 5219
CAT. NO. 5218 Left
CAT. NO. 521O Left
Tel (718) 956-8900 • Fax (718) 956-9040
(800) 221-5510 • kec@keyelco.com
www.keyelco.com
31-07 20th Road – Astoria, NY 11105-2017
RoHS COMPLIANT ~ ISO 9001 CERTIFIED
15
CAT. NO. 5212 Left or Right
CAT. NO. 5211 Right (Shown)
• Economical and reliable contacts are ideal for molded cases with
self contained battery compartments
• “Solder tab” design for either wire lead or PC mounting
• Unique spring contacts adjust to variations in battery lengths
• Reliable spring contacts assure low contact resistance and
a dependable connection
• Space saving, economical, excellent mechanical construction
CAT. NO. 5217 Right (Shown)
“AA” • “CR2” • “A”
M60Section1FRevA5-COLOR 4/5/13 1:10PM Page17


Similar Part No. - 5220

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
5220 SCHURTER-5220 Datasheet
801Kb / 5P
IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole
logo
List of Unclassifed Man...
5220 ETC2-5220 Datasheet
457Kb / 1P
BATTERY CONTACTS FOR MOLDED CASES
logo
Pomona Electronics
5220 POMONA-5220 Datasheet
139Kb / 1P
Pin Clips
logo
3M Electronics
5220 3M-5220 Datasheet
38Kb / 2P
DIP Clips for 8-14-16-20-24-40 Pin Clips And 8 Through 40 Pin DIP Removers
14-Aug-2016
logo
Schurter Inc.
5220 SCHURTER-5220 Datasheet
591Kb / 6P
IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole
More results

Similar Description - 5220

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
E989 HAMAMATSU-E989 Datasheet
88Kb / 1P
Magnetic Shield Cases
logo
List of Unclassifed Man...
G738 ETC1-G738 Datasheet
344Kb / 2P
Desktop Cases
8554 ETC2-8554 Datasheet
310Kb / 1P
PHENOLIC INSTRUMENT CASES
5222 ETC2-5222 Datasheet
457Kb / 1P
BATTERY CONTACTS FOR MOLDED CASES
5242 ETC2-5242 Datasheet
142Kb / 2P
BATTERY CONTACTS FOR MOLDED CASES
G749A ETC2-G749A Datasheet
130Kb / 1P
Desktop Cases
G753 ETC2-G753 Datasheet
132Kb / 1P
Desktop Cases
M5700613 ETC2-M5700613 Datasheet
297Kb / 1P
ACCESSORIES FOR METTEC DESK CASES
400-1541-GR ETC2-400-1541-GR Datasheet
206Kb / 2P
Molded ABS Plastic Cases
400-1542-GR ETC2-400-1542-GR Datasheet
46Kb / 2P
Molded ABS Plastic Cases
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com