Electronic Components Datasheet Search
  English  ▼

X  

2K0421 Datasheet(PDF) 1 Page - Storm Interface

Part # 2K0421
Description  2000 Series tough impact resistant keypads
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STORMINTERFACE [Storm Interface]
Direct Link  https://www.storm-interface.com/
Logo STORMINTERFACE - Storm Interface

2K0421 Datasheet(HTML) 1 Page - Storm Interface

  2K0421 Datasheet HTML 1Page - Storm Interface 2K0421 Datasheet HTML 2Page - Storm Interface  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Robust keypads
for harsh industrial use
• Rapid, responsive and reliable
data entry in wet, dirty or
extreme conditions
• Vandal resistant
(20J BS EN 60068-2-75: 1997)
• Weather, water and dust
resistant (IP65)
• 4 key, 12 key and 16 key formats
• Raised "home pip" on the "5" key
• Simple ‘row and column’ circuit
matrix, terminated by a male,
gold-plated, square pin, 0.1”
(2.54mm) pitch connector with
locking ramp
• Can be fixed to a flat surface
or under panel mounted for a flush,
low profile installation
2000 Series Keypads
UK Email: sales@storm-interface.com Tel: +44 (0)1895 431421
USA Email: sales.usa@storm-keypads.com Tel: +1 (630) 472 5360
www.storm-interface.com
Storm Interface products include technology
protected by international patents and design
registration. All rights reserved.


Similar Part No. - 2K0421

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
2K08-660 COOPER-2K08-660 Datasheet
4Mb / 55P
Circuit Protection Solutions Low Voltage Fuse Links Catalogue
2K09-660 COOPER-2K09-660 Datasheet
4Mb / 55P
Circuit Protection Solutions Low Voltage Fuse Links Catalogue
logo
List of Unclassifed Man...
2K0S-N005 ETC-2K0S-N005 Datasheet
66Kb / 1P
1.2K-1.5K WATT 2K WATT ENCLOSED PARALLEL POWER SUPPLY
2K0S-N012 ETC-2K0S-N012 Datasheet
66Kb / 1P
1.2K-1.5K WATT 2K WATT ENCLOSED PARALLEL POWER SUPPLY
2K0S-N015 ETC-2K0S-N015 Datasheet
66Kb / 1P
1.2K-1.5K WATT 2K WATT ENCLOSED PARALLEL POWER SUPPLY
More results

Similar Description - 2K0421

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
ENCL-KIT1 RFSOLUTIONS-ENCL-KIT1 Datasheet
25Kb / 1P
Tough ABS construction
logo
Grayhill, Inc
84R-AB2-112-PD GRAYHILL-84R-AB2-112-PD Datasheet
480Kb / 3P
Rugged Keypad for Tough Environments
logo
List of Unclassifed Man...
4244A1 ETC2-4244A1 Datasheet
170Kb / 4P
Insertable Legend Keypads
logo
Grayhill, Inc
84AB1-103 GRAYHILL-84AB1-103 Datasheet
39Kb / 1P
Standard Keypads
87AC2046 GRAYHILL-87AC2046 Datasheet
39Kb / 1P
Standard Keypads
88M2001-2 GRAYHILL-88M2001-2 Datasheet
42Kb / 1P
Sealed Keypads
logo
List of Unclassifed Man...
Q202013PCI ETC2-Q202013PCI Datasheet
1Mb / 8P
Body is impact-resistant polycarbonate for PCI series and ABS for ABI series
L1630P ETC2-L1630P Datasheet
523Kb / 4P
Tough enough for industrial environments.
KL1507 ETC2-KL1507 Datasheet
1Mb / 8P
Body is impact-resistant polycarbonate for PCI series and ABS for ABI series
7207-121W203 ETC1-7207-121W203 Datasheet
324Kb / 2P
720 GFX-i Series Sealed and Rugged Keypads
Rev 2 Dec 2016
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com