Electronic Components Datasheet Search
  English  ▼

X  

HT4325006 Datasheet(PDF) 1 Page - Premier Farnell Limited.

Part # HT4325006
Description  Screwdriver
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.

HT4325006 Datasheet(HTML) 1 Page - Premier Farnell Limited.

  HT4325006 Datasheet HTML 1Page - Premier Farnell Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Price Each
Order Code
1+
151-0926
4.90
Multi-test screwdriver
Multi-function mains tester screwdriver
battery powered.
Suitable for:-
AC voltage test contact 70-250VAC
AC voltage test non-contact 70-600VAC
Polarity test 1.5V-36VDC
Continuity check 0.50MΩ
Microwave leakage detection 5MW/CM2
Battery life 5 hours continuous operation. CE and GS approved.
494024
Screwdriver


Similar Part No. - HT4325006

ManufacturerPart #DatasheetDescription
logo
HYES Optoelectronics, I...
HT4302L HYES-HT4302L Datasheet
1Mb / 22P
LCD MODULE
HT4302L-T HYES-HT4302L-T Datasheet
1Mb / 25P
LCD MODULE (480 횞 RGB 횞 272)
logo
Hotchip Technology Co.,...
HT4349Q HOTCHIP-HT4349Q Datasheet
996Kb / 6P
A linear charging mode of the largest A linear charging mode. charging current can be passed.
More results

Similar Description - HT4325006

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
SF-Z0028 PHOENIX-SF-Z0028 Datasheet
43Kb / 2P
Torque screwdriver
1200153 PHOENIX-1200153 Datasheet
43Kb / 2P
Screwdriver - SF-TXH 30X115
1205040 PHOENIX-1205040 Datasheet
65Kb / 3P
Screwdriver - SZS 0,6X2,5
1205066 PHOENIX-1205066 Datasheet
65Kb / 3P
Screwdriver - SZS 1,0X4,0
1205082 PHOENIX-1205082 Datasheet
65Kb / 3P
Screwdriver - SZS 1,2X8,0
1205121 PHOENIX-1205121 Datasheet
80Kb / 4P
Screwdriver - SZG 0,6X3,5
1205134 PHOENIX-1205134 Datasheet
80Kb / 4P
Screwdriver - SZG 0,9X6,5
1205147 PHOENIX-1205147 Datasheet
60Kb / 3P
Screwdriver - SZK PH0
1207608 PHOENIX-1207608 Datasheet
50Kb / 2P
Screwdriver - ST-BW
1212070 PHOENIX-1212070 Datasheet
43Kb / 2P
Screwdriver - SF-M BH
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com