Electronic Components Datasheet Search
  English  ▼

X  

38934 Datasheet(PDF) 4 Page - Wiha Tools

Part # 38934
Description  WORK IN A PERFECTLY PROTECTED WAY
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

38934 Datasheet(HTML) 4 Page - Wiha Tools

  38934 Datasheet HTML 1Page - Wiha Tools 38934 Datasheet HTML 2Page - Wiha Tools 38934 Datasheet HTML 3Page - Wiha Tools 38934 Datasheet HTML 4Page - Wiha Tools 38934 Datasheet HTML 5Page - Wiha Tools 38934 Datasheet HTML 6Page - Wiha Tools 38934 Datasheet HTML 7Page - Wiha Tools 38934 Datasheet HTML 8Page - Wiha Tools 38934 Datasheet HTML 9Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
PROTECTION AND SAFETY
FOR E-MOBILITY.
Working on high-voltage systems requires special qualifications, such as certificates
of competence for you and your employees. Special tools are indispensable: Anyone
who works with non-insulated tools is putting their life in danger! With Wiha you are
on the safe side: Tested at 10,000 V AC and approved for 1,000 V AC, you are always
working safely with Wiha tools.
+ WORK ON HIGH-VOLTAGE SYSTEMS
REQUIRES SPECIAL TOOLS
+ WORKING WITH NON-INSULATED TOOLS
MEANS DANGER TO LIFE !
+ WIHA TOOLS TESTED AT 10,000 V AC
AND APPROVED FOR 1,000 V AC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com