Electronic Components Datasheet Search
  English  ▼

X  

283191 Datasheet(PDF) 9 Page - Wiha Tools

Part # 283191
Description  WORK IN A PERFECTLY PROTECTED WAY
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

283191 Datasheet(HTML) 9 Page - Wiha Tools

Back Button 283191 Datasheet HTML 5Page - Wiha Tools 283191 Datasheet HTML 6Page - Wiha Tools 283191 Datasheet HTML 7Page - Wiha Tools 283191 Datasheet HTML 8Page - Wiha Tools 283191 Datasheet HTML 9Page - Wiha Tools 283191 Datasheet HTML 10Page - Wiha Tools 283191 Datasheet HTML 11Page - Wiha Tools 283191 Datasheet HTML 12Page - Wiha Tools 283191 Datasheet HTML 13Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
Drawer 3
37450
Water pump pliers electric 250mm
Z22025006
43340
Diagonal cutters electric 180mm
Z12118006
43662
Cable cutter electric 210mm
Z50321006
26711
Combination pliers electric 200mm
Z01020006
26732
Long flat-nose pliers electric 160mm
Z07016006
26729
Needle nose pliers electric
with cutting edge curved shape 200mm
Z05120006
26847
Stripping pliers electric 160mm
Z55016006
35862
Crimping pliers electric 180mm
Z60018006
Drawer 4
43026
Single, insulated open-end spanner wrench 6mm
246157
43027
Single, insulated open-end spanner wrench 7mm
246158
43028
Single, insulated open-end spanner wrench 8mm
246159
43029
Single, insulated open-end spanner wrench 9mm
246160
43030
Single, insulated open-end spanner wrench 10mm
246161
43031
Single, insulated open-end spanner wrench 11mm
246162
43032
Single, insulated open-end spanner wrench 12mm
246163
43033
Single, insulated open-end spanner wrench 13mm
246164
43034
Single, insulated open-end spanner wrench 14mm
24165
43035
Single, insulated open-end spanner wrench 15mm
246166
43036
Single, insulated open-end spanner wrench 16mm
246167
43037
Single, insulated open-end spanner wrench 17mm
246168
43038
Single, insulated open-end spanner wrench 18mm
246169
43039
Single, insulated open-end spanner wrench 19mm
246170
43040
Single, insulated open-end spanner wrench 22mm
246171
43061
Adjustable spanner electric (0–30mm variable adjustable)
246199
Drawer 5
2× Insulating end caps Ø40mm
2× Insulating end caps Ø60mm
2× Insulating blanket clamp LG 80 VDE
2× Insulating blanket clamp LG 160 VDE
Orange IEC class 0 insulating blanket 1m×1m
44356
IEC mechanical insulating gloves (size10)
246274
Undergloves size 9–10
Face shield 1000VAC/1500VDS
44319
Voltage tester 2 pole, CATIV 1000 V
SB25515
44357
Warning sign for electric and hybrid vehicles
246275
EU:
41915
UK:
42766
Charger (speedE®)
599002
Order-No.
Image
Article
Article-No.
Order-No.
Image
Article
Article-No.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com