Electronic Components Datasheet Search
  English  ▼

X  

LM20144 Datasheet(PDF) 21 Page - Texas Instruments

Part # LM20144
Description  LM20144/LM20144Q 4A, PowerWise® Adjustable Frequency Synchronous Buck Regulator
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM20144 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM20144 Datasheet HTML 17Page - Texas Instruments LM20144 Datasheet HTML 18Page - Texas Instruments LM20144 Datasheet HTML 19Page - Texas Instruments LM20144 Datasheet HTML 20Page - Texas Instruments LM20144 Datasheet HTML 21Page - Texas Instruments LM20144 Datasheet HTML 22Page - Texas Instruments LM20144 Datasheet HTML 23Page - Texas Instruments LM20144 Datasheet HTML 24Page - Texas Instruments LM20144 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
LM20144
www.ti.com
SNVS529G – OCTOBER 2007 – REVISED MARCH 2013
THERMAL CONSIDERATIONS
The thermal characteristics of the LM20144 are specified using the parameter
θJA, which relates the junction
temperature to the ambient temperature. Although the value of
θJA is dependant on many variables, it still can be
used to approximate the operating junction temperature of the device.
To obtain an estimate of the device junction temperature, one may use the following relationship:
TJ = PDθJA + TA
(14)
and
PD = PIN x (1 - Efficiency) - 1.1 x IOUT2 x DCR
where
•
TJ is the junction temperature in °C
•
PIN is the input power in Watts (PIN = VIN x IIN)
•
θJA is the junction to ambient thermal resistance for the LM20144
•
TA is the ambient temperature in °C
•
IOUT is the output load current
•
DCR is the inductor series resistance
(15)
It is important to always keep the operating junction temperature (TJ) below 125°C for reliable operation. If the
junction temperature exceeds 160°C the device will cycle in and out of thermal shutdown. If thermal shutdown
occurs it is a sign of inadequate heatsinking or excessive power dissipation in the device.
Figure 35, shown below, provides a better approximation of the
θJA for a given PCB copper area. The PCB
heatsink area consists of 2oz. copper located on the bottom layer of the PCB directly under the HTSSOP
exposed pad. The bottom copper area is connected to the HTSSOP exposed pad by means of a 4 x 4 array of
12 mil thermal vias.
Figure 35. Thermal Resistance vs PCB Area
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM20144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com