Electronic Components Datasheet Search
  English  ▼

X  

246207 Datasheet(PDF) 12 Page - Wiha Tools

Part # 246207
Description  WORK IN A PERFECTLY PROTECTED WAY
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

246207 Datasheet(HTML) 12 Page - Wiha Tools

Back Button 246207 Datasheet HTML 8Page - Wiha Tools 246207 Datasheet HTML 9Page - Wiha Tools 246207 Datasheet HTML 10Page - Wiha Tools 246207 Datasheet HTML 11Page - Wiha Tools 246207 Datasheet HTML 12Page - Wiha Tools 246207 Datasheet HTML 13Page - Wiha Tools 246207 Datasheet HTML 14Page - Wiha Tools 246207 Datasheet HTML 15Page - Wiha Tools 246207 Datasheet HTML 16Page - Wiha Tools  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
Tool Case Set XL eMobility
Order-No.
Image
Article
Article-No.
37450
Water pump pliers electric, 250 mm
Z22025006
43340
Diagonal cutters electric 180 mm
Z12118006
43662
Cable cutter electric 210 mm
Z50321006
26732
Long flat-nose pliers electric 160 mm
Z07016006
26729
Needle nose pliers electric with cutting edge
curved shape 200 mm
Z05120006
26711
Combination pliers electric 200 mm
Z01020006
35446
Screwdriver SoftFinish® electric slimFix, Slotted 3,5
3201035100
35390
ScrewdriverSoftFinish® electric slimFix, Slotted 4,0
3201040100
35391
Screwdriver SoftFinish® electric slimFix, Slotted 5,5
3201055125
35392
Screwdriver SoftFinish® electric slimFix, Slotted 6,5
3201065125
35393
Screwdriver SoftFinish® electric slimFix, Phillips PH1
32111080
35394
Screwdriver SoftFinish® electric slimFix, Phillips PH2
32112100
36538
Screwdriver SoftFinish® electric slimFix, TORX® T20
3251020
36539
Screwdriver SoftFinish® electric slimFix, TORX® T25
03251025
36540
Screwdriver SoftFinish® electric slimFix, TORX® T27
03251027
36541
Screwdriver SoftFinish® electric slimFix, TORX® T30
03251030
36542
Screwdriver SoftFinish® electric slimFix, TORX® T40
03251040
00858
Screwdriver SoftFinish® electric slimFix, Hex nut driver 7,0
0322070
00859
Screwdriver SoftFinish® electric slimFix, Hex nut driver 8,0
0322080
00861
Screwdriver SoftFinish® electric slimFix, Hex nut driver 10,0
0322100
00864
Screwdriver SoftFinish® electric slimFix, Hex nut driver 13,0
0322130
40674
Torque screwdriver set TorqueVario®-S electric,
0,8-5,0 Nm
2872T13
44163
3/8" Insulated Torque Wrench, 5 – 25 Nm, 290 mm
246267
43057
3/8" Insulated Extension Bar 125 mm
246195
43058
3/8" Insulated Extension Bar 250 mm
246196
44355
Insulated Adapter from 3/8" to 1/4"
283191
43139
1/4" Nut adapter slimVario® electric
SB283108
43128
1/4" Adapter TorqueVario®-S electric
287992
43088
1/4" Insulated Nut Driver Insert International Hexagon 4 × 42 mm
246223
43089
1/4" Insulated Nut Driver Insert International Hexagon 5 × 42 mm
246224
43090
1/4" Insulated Nut Driver Insert International Hexagon 5.5 × 42 mm 246225
43091
1/4" Insulated Nut Driver Insert International Hexagon 6 × 42 mm
246226
43092
1/4" Insulated Nut Driver Insert International Hexagon 7 × 42 mm
246227
43093
1/4" Insulated Nut Driver Insert International Hexagon 8 × 42 mm
246228
43094
1/4" Insulated Nut Driver Insert International Hexagon 9 × 42 mm
246229
43095
1/4" Insulated Nut Driver Insert International Hexagon 10 × 42 mm
246230
43096
1/4" Insulated Nut Driver Insert International Hexagon 11 × 42 mm
246231
43097
1/4" Insulated Nut Driver Insert International Hexagon 12 × 42 mm
246232
43098
1/4" Insulated Nut Driver Insert International Hexagon 13 × 42 mm
246233
43099
1/4" Insulated Nut Driver Insert International Hexagon 14 × 42 mm
246234
43071
3/8" Insulated Nut Driver Insert International Hexagon 16 × 44 mm
246206
43072
3/8" Insulated Nut Driver Insert International Hexagon 17 × 44 mm
246207
43073
3/8" Insulated Nut Driver Insert International Hexagon 18 × 44 mm
246208
43074
3/8" Insulated Nut Driver Insert International Hexagon 19 × 44 mm
246209
43075
3/8" Insulated Nut Driver Insert International Hexagon 21 × 44 mm
246210
43076
3/8" Insulated Nut Driver Insert International Hexagon 22 × 44 mm
246211
44146
3/8" Insulated Nut Driver Insert International Hexagon 8 × 80 mm
246264
44147
3/8" Insulated Nut Driver Insert International Hexagon 10 × 80 mm
246265
44148
3/8" Insulated Nut Driver Insert International Hexagon 12 × 80 mm
246266
43110
1/4" Insulated Nut Driver Insert International Hexagon 4 × 65 mm
246245
43112
1/4" Insulated Nut Driver Insert International Hexagon 6 × 65 mm
246247
43113
1/4" Insulated Nut Driver Insert International Hexagon 8 × 65 mm
246248
38798
Insulated Cable Stripping Knife 200 mm
24680SB
41286
Flashlight with LED, Laser, UV, magnetic base, swivel head
SB24670
Order-No.
Image
Article
Article-No.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com