Electronic Components Datasheet Search
  English  ▼

X  

LMV2011 Datasheet(PDF) 9 Page - Texas Instruments

Part # LMV2011
Description  LMV2011 High Precision, Rail-to-Rail Output Operational Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV2011 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMV2011 Datasheet HTML 5Page - Texas Instruments LMV2011 Datasheet HTML 6Page - Texas Instruments LMV2011 Datasheet HTML 7Page - Texas Instruments LMV2011 Datasheet HTML 8Page - Texas Instruments LMV2011 Datasheet HTML 9Page - Texas Instruments LMV2011 Datasheet HTML 10Page - Texas Instruments LMV2011 Datasheet HTML 11Page - Texas Instruments LMV2011 Datasheet HTML 12Page - Texas Instruments LMV2011 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
1 sec/DIV
0.1
1
10
OUTPUT VOLTAGE (VPP)
0.01
0.1
1
10
MEAS FREQ = 1 KHz
MEAS BW = 22 KHz
RL = 10k
AV = +10
VS = 2.7V
VS = 5V
10
100
1k
10k
100k
FREQUENCY (Hz)
0.01
0.1
1
10
VS = 2.7V
VS = 2.7V
VS = 5V
VS = 5V
VOUT = 2 VPP
MEAS BW = 500 kHz
RL = 10k
AV = +10
LMV2011
www.ti.com
SNOSA32C – AUGUST 2003 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
TA=25C, VS= 5V unless otherwise specified.
THD+N vs. AMPL
THD+N vs. Frequency
Figure 27.
Figure 28.
0.1Hz
− 10Hz Noise vs. Time
Figure 29.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMV2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com