Electronic Components Datasheet Search
  English  ▼

X  

LSF0102 Datasheet(PDF) 4 Page - Texas Instruments

Part # LSF0102
Description  LSF0102-Q1 Automotive 2-Channel Auto Bidirectional Multi-Voltage Level Translator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LSF0102 Datasheet(HTML) 4 Page - Texas Instruments

  LSF0102 Datasheet HTML 1Page - Texas Instruments LSF0102 Datasheet HTML 2Page - Texas Instruments LSF0102 Datasheet HTML 3Page - Texas Instruments LSF0102 Datasheet HTML 4Page - Texas Instruments LSF0102 Datasheet HTML 5Page - Texas Instruments LSF0102 Datasheet HTML 6Page - Texas Instruments LSF0102 Datasheet HTML 7Page - Texas Instruments LSF0102 Datasheet HTML 8Page - Texas Instruments LSF0102 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature (unless otherwise noted)(1)
MIN
MAX
UNIT
Input voltage(2), VI
–0.5
7
V
Input/output voltage(2), VI/O
–0.5
7
V
Continuous channel current
128
mA
Input clamp current, IIK
VI < 0
–50
mA
Storage temperature range, Tstg
–65
150
°C
Operating junction temperature, TJ
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input and input/output negative-voltage ratings may be exceeded if the input and input/output clamp-current ratings are observed.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per AEC Q100-002(1)
±2000
V
Charged-device model (CDM), per AEC Q100-011
±1000
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VI/O
Input/output voltage
5.5
V
Vref_A/B/EN
Reference voltage
5.5
V
IPASS
Pass transistor current
64
mA
TA
Operating free-air temperature
–40
125
°C
6.4 Thermal Information
THERMAL METRIC(1)
LSF0102-Q1
UNIT
DCU (US8)
8 PINS
RθJA
Junction-to-ambient thermal resistance
279.7
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
129.9
°C/W
RθJB
Junction-to-board thermal resistance
191.3
°C/W
ψJT
Junction-to-top characterization parameter
66.3
°C/W
ψJB
Junction-to-board characterization parameter
190.1
°C/W
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report.
LSF0102-Q1
SDLS969B – MAY 2018 – REVISED MAY 2023
www.ti.com
4
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: LSF0102-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com