Electronic Components Datasheet Search
  English  ▼

X  

1024085 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1024085
Description  EA 5-WS - Cover
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1024085 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1024085 Datasheet HTML 1Page - PHOENIX CONTACT 1024085 Datasheet HTML 2Page - PHOENIX CONTACT 1024085 Datasheet HTML 3Page - PHOENIX CONTACT 1024085 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Single covers, for covering one terminal block, with black symbol (lightning flash) snap fit, color:
transparent/yellow
Your advantages
Can be labeled
•
Protection against accidental actuation of terminal points or disconnect terminal blocks
•
Covering of live parts
•
Commercial data
Item number
1024085
Packing unit
100 pc
Minimum order quantity
100 pc
Sales key
BE07
Product key
BE7124
GTIN
4017918015275
Weight per piece (including packing)
0.874 g
Weight per piece (excluding packing)
0.852 g
Customs tariff number
39269097
Country of origin
DE
EA 5-WS - Cover
1024085
https://www.phoenixcontact.com/us/products/1024085
Sep 10, 2025, 7:52AM
Page 1 (4)


Similar Part No. - 1024085

ManufacturerPart #DatasheetDescription
logo
SICK AG
1024085 SICK-1024085 Datasheet
1Mb / 7P
LONG RANGE DISTANCE SENSORS
2016-03-17
More results

Similar Description - 1024085

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0805344 PHOENIX-0805344 Datasheet
45Kb / 2P
Warning label - WS 4- 5
10/21/2014
0805357 PHOENIX-0805357 Datasheet
45Kb / 2P
Warning label - WS 3- 5
12/11/2015
1004403 PHOENIX-1004403 Datasheet
47Kb / 2P
Warning label - WS 5- 6
1004416 PHOENIX-1004416 Datasheet
47Kb / 2P
Warning label - WS 5- 8
1004429 PHOENIX-1004429 Datasheet
47Kb / 2P
Warning label - WS 5-10
1004445 PHOENIX-1004445 Datasheet
47Kb / 2P
Warning label - WS 5-15
logo
3M Electronics
7918 3M-7918 Datasheet
51Kb / 1P
3M??Exhalation Valve Cover 7918, 20 EA/Case
logo
Weidmuller
2007150000 WEIDMULLER-2007150000 Datasheet
835Kb / 8P
WS 8/5 MM WS
October 18, 2021
logo
PHOENIX CONTACT
1301407 PHOENIX-1301407 Datasheet
50Kb / 2P
Cover profile - EA-G 5/ 2 SONDERBEDRUCKUNG
09/11/2020
1301423 PHOENIX-1301423 Datasheet
45Kb / 1P
Cover - EA-G 5/ 3 SONDERBEDRUCKUNG
12/03/2018
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com