Electronic Components Datasheet Search
  English  ▼

X  

1024263 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1024263
Description  EA 11 - Cover
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1024263 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1024263 Datasheet HTML 1Page - PHOENIX CONTACT 1024263 Datasheet HTML 2Page - PHOENIX CONTACT 1024263 Datasheet HTML 3Page - PHOENIX CONTACT 1024263 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Technical data
Product properties
Product type
Cover profile
Dimensions
Width
10.8 mm
Height
58.2 mm
Depth
22.4 mm
Length
58.2 mm
Material specifications
Color
transparent
Material
ABS
Flammability rating according to UL 94
HB
Components
free from silicone and halogen
Environmental and real-life conditions
Ambient conditions
Ambient temperature (operation)
-40 °C ... 80 °C
EA 11 - Cover
1024263
https://www.phoenixcontact.com/us/products/1024263
Sep 10, 2025, 7:50AM
Page 2 (4)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com