Electronic Components Datasheet Search
  English  ▼

X  

2991 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 2991
Description  USB Mini Hub with Power Switch - OTG Micro-USB
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

2991 Datasheet(HTML) 2 Page - Adafruit Industries

  2991 Datasheet HTML 1Page - Adafruit Industries 2991 Datasheet HTML 2Page - Adafruit Industries 2991 Datasheet HTML 3Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
-
DESCRIPTION
Do you ever find yourself saying, "Gee whiz I wish I could plug in 4 more USB
devices to my tablet, or microcontroller with USB host, or a Pi Zero?" I did - literally
every single day.  But then I found this Micro USB powered hub and stopped having
to repeat myself!
This mini USB hub has four USB 2.0 ports each with a max total transmission speed
up to 480 MBps. All four ports are powered thru the USB micro-B cable. There's
also a single on-off switch that controls the four USB ports. There is a port for an
external power supply but its connected directly to the 5V line so if you need to
externally power, we recommend prying open the case and cutting the red 5V line
from the USB connection.
This hub is great for expanding your Pi Zero's USB port, or connecting to a tablet or
other device with OTG USB, no adapter required!
2/24/2016
https://www.adafruit.com/products/2991



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com