Electronic Components Datasheet Search
  English  ▼

X  

CDR105 Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDR105
Description  POWER INDUCTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDR105 Datasheet(HTML) 2 Page - Sumida Corporation

  CDR105 Datasheet HTML 1Page - Sumida Corporation CDR105 Datasheet HTML 2Page - Sumida Corporation CDR105 Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
POWER INDUCTORS <SMD Type: CDR Series>
Type: CDR105,CDR105B
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/3
◆
Specification(CDR105)
Part name
※
Stamp
Inductance
[within]※1
D.C.R.(Ω)
Max
(at 20℃)
Rated
Current
(A)※2-1
S.R.F
(MHZ)
[typ.]
CDR1Ø5NP-1ØØM□
100M
+
20%
10μH-15%
0.06
2.53
31
CDR1Ø5NP-12ØM□
120M
+
20%
12μH-15%
0.06
2.31
27
CDR1Ø5NP-15ØM□
150M
+
20%
15μH-15%
0.07
2.06
27
CDR1Ø5NP-18ØM□
180M
+
20%
18μH-15%
0.08
1.89
26
CDR1Ø5NP-22ØM□
220M
+
20%
22μH-15%
0.09
1.71
21
CDR1Ø5NP-27ØM□
270M
+
20%
27μH-15%
0.11
1.54
18
CDR1Ø5NP-33ØM□
330M
+
20%
33μH-15%
0.12
1.39
16
CDR1Ø5NP-39ØM□
390M
+
20%
39μH-15%
0.16
1.28
15
CDR1Ø5NP-47ØM□
470M
+
20%
47μH-15%
0.18
1.17
14
CDR1Ø5NP-56ØM□
560M
+
20%
56μH-15%
0.19
1.07
12
CDR1Ø5NP-68ØM□
680M
+
20%
68μH-15%
0.22
0.97
11
CDR1Ø5NP-82ØM□
820M
+
20%
82μH-15%
0.28
0.88
10
CDR1Ø5NP-1Ø1M□
101M
+
20%
100μH-15%
0.35
0.80
7.0
CDR1Ø5NP-121M□
121M
+
20%
120μH-15%
0.38
0.73
6.5
CDR1Ø5NP-151M□
151M
+
20%
150μH-15%
0.45
0.65
5.8
CDR1Ø5NP-181M□
181M
+
20%
180μH-15%
0.62
0.60
5.3
CDR1Ø5NP-221M□
221M
+
20%
220μH-15%
0.69
0.54
5.2
CDR1Ø5NP-271M□
271M
+
20%
270μH-15%
0.78
0.49
4.6
CDR1Ø5NP-331M□
331M
+
20%
330μH-15%
1.03
0.44
4.2
CDR1Ø5NP-391M□
391M
+
20%
390μH-15%
1.18
0.41
3.6
CDR1Ø5NP-471M□
471M
+
20%
470μH-15%
1.60
0.37
3.6



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com