Electronic Components Datasheet Search
  English  ▼

X  

CDRC62 Datasheet(PDF) 1 Page - Sumida Corporation

Part # CDRC62
Description  Power Inductor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRC62 Datasheet(HTML) 1 Page - Sumida Corporation

  CDRC62 Datasheet HTML 1Page - Sumida Corporation CDRC62 Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Power Inductor< SMD Type: CDRC Series>
Type: CDRC62
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/2
◆
Product Description
・
6.7×6.7mm Max.(L×W), 2.5mm Max. Height.
・
Inductance Range: 8µH~1.2mH
・
Rated current range: 62mA~764mA
・
4 Terminal pins’ type gives a flexible design as inductors or transformers(SEPIC,ZETA circuit).
◆
Feature
・
Magnetically shielded construction.
・
Ideally used in portable devices such as DVD,DSC/DVC,MP3,PDA,HDD etc as DC-DC
Converter inductors.
・
RoHS Compliance
◆
Dimensions (mm)
◆
Land Pattern (mm)
◆
Schematics(Bottom)
6.3±0.4
2.5
MAX.
0.6
0.8±0.3
4.7±0.4
0.8±0.3
BETWEEN(1-4)
SURFACE OF
COPPER PATTERN
RE SISTANCE
4. 0
6. 8
2
1
3
4
S
8.0μH~180μH
220μH~1.2mH
2
1
3
4
S
S
2
1
3
4
S
S
OR
(1)
(2)


Similar Part No. - CDRC62

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRCH12D78B SUMIDA-CDRCH12D78B Datasheet
210Kb / 4P
Ferrite drum core construction.
CDRCH12D78BHF-100MC SUMIDA-CDRCH12D78BHF-100MC Datasheet
210Kb / 4P
Ferrite drum core construction.
CDRCH12D78BHF-100MC SUMIDA-CDRCH12D78BHF-100MC Datasheet
491Kb / 7P
SMD Power Inductor
CDRCH12D78BHF-101MC SUMIDA-CDRCH12D78BHF-101MC Datasheet
210Kb / 4P
Ferrite drum core construction.
CDRCH12D78BHF-101MC SUMIDA-CDRCH12D78BHF-101MC Datasheet
491Kb / 7P
SMD Power Inductor
More results

Similar Description - CDRC62

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R0612-8R2K ETC1-R0612-8R2K Datasheet
38Kb / 1P
Power Inductor
logo
Sumida Corporation
CDRR127 SUMIDA-CDRR127 Datasheet
32Kb / 1P
Power Inductor
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
SMD Power Inductor SMD Power Inductor
C2DEP1010 SUMIDA-C2DEP1010 Datasheet
206Kb / 3P
Power Inductor
CDEP1411 SUMIDA-CDEP1411 Datasheet
222Kb / 4P
Power Inductor
CDH25D09 SUMIDA-CDH25D09_2 Datasheet
527Kb / 7P
Power Inductor
CDRH8D38A SUMIDA-CDRH8D38A_11 Datasheet
170Kb / 4P
Power Inductor
CDRR75 SUMIDA-CDRR75 Datasheet
174Kb / 4P
Power Inductor
CDRR107 SUMIDA-CDRR107_11 Datasheet
153Kb / 4P
Power Inductor
logo
Murata Manufacturing Co...
LQH2HP_G0 MURATA-LQH2HP_G0 Datasheet
73Kb / 2P
Chip Inductor Power Inductor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com