Electronic Components Datasheet Search
  English  ▼

X  

MP44019 Datasheet(PDF) 26 Page - Monolithic Power Systems

Part # MP44019
Description  CrM/DCM Multi-Mode PFC Controller with Second OVP
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP44019 Datasheet(HTML) 26 Page - Monolithic Power Systems

Back Button MP44019 Datasheet HTML 21Page - Monolithic Power Systems MP44019 Datasheet HTML 22Page - Monolithic Power Systems MP44019 Datasheet HTML 23Page - Monolithic Power Systems MP44019 Datasheet HTML 24Page - Monolithic Power Systems MP44019 Datasheet HTML 25Page - Monolithic Power Systems MP44019 Datasheet HTML 26Page - Monolithic Power Systems MP44019 Datasheet HTML 27Page - Monolithic Power Systems MP44019 Datasheet HTML 28Page - Monolithic Power Systems MP44019 Datasheet HTML 29Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
MP44019
– CRM/DCM MULTI-MODE PFC CONTROLLER WITH SECOND OVP
MP44019 Rev. 1.0
MonolithicPower.com
26
4/30/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
CONTROL FLOWCHART
VCC > VCC_ON
Start
N
Y
Monitor
VMAINSIN
VMAINSIN >
VMAINS_BI
Brown-In
Y
N
Main On
Figure 16: Start-Up Flowchart
Main On
Monitor VFB
VFB > 2.7V
Resume Switching
Stop
Switching
VFB < 2.62V
N
Y
Y
N
OVP/OVP2
Monitor VFB
UVP
VFB < 0.36V
N
Y
Stop
Switching
OTP
Monitor Temp
>150°C?
N
Y
Stop
Switching
Fault = 1
<110°C?
FAULT = 1
N
Start
Switching
FAULT = 0
Y
VFB > 0.4V
Y
N
Start
Switching
Fault = 0
Monitor VCS
VCS > 0.75V
Resume Switching
after 80ms
Stop
Switching
N
Y
OCP
Consecutive
Counter = 3
Clear
Counter
Y
Monitor VCS
VCS > 0.5V
Resume switching
after ZCD, or restart
the timer after
180µs elapses
Stop
Switching
N
Y
OCL
Y
Monitor
VMAINSIN
BO
VMAINSIN <
0.9V
N
Y
Stop
Switching
FAULT = 1
COMP = 0
BO Timer Start
BO Timer =
50ms
Y
N
VMAINSIN > 1V
Y
BO Timer = 0
Y
BIBO = 0
FAULT = 0
BIBO = 1
BI
Start
COMP = 0
Figure: 17: Control Flowchart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com