Electronic Components Datasheet Search
  English  ▼

X  

FNP-2 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FNP-2
Description  PARALLEL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FNP-2 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FNP-2 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
54
L
VP type/NP type
L
FVP type/FNP type
Non-insulated
Vinyl or nylon insulated
Certificate No.:
E42024
LR20812
JQ0607002
Certificate No.:
E42024
LR20812
Part No.
Standard
Dimensions mm (in.)
Applicable Wire
AWG# (mm2)
ø D
ø d1
L
Tool No.
YF-1, E-4
EP-1
Qty/box
22 to 16
16 to 14
12 to 10
8
6
4
2
1/0
2/0
3/0
4/0
250 to 300MCM
350MCM
400MCM
N.A.
600 to 650MCM
P-1.25
P-2
P-5.5
P-8
P-14
P-22
P-38
P-60
P-70
P-80
P-100
P-150
P-180
P-200
P-250
P-325
8.0 (.315)
8.0 (.315)
8.5 (.335)
9.5 (.374)
11.0 (.433)
13.5 (.531)
16.5 (.650)
19.0 (.748)
19.0 (.748)
19.5 (.768)
20.0 (.787)
27.0(1.063)
28.5(1.122)
32.0(1.260)
32.0(1.260)
37.0(1.457)
3.3 (.130)
4.1 (.161)
5.4 (.213)
7.0 (.276)
8.9 (.350)
11.3 (.445)
13.2 (.520)
15.3 (.602)
17.5 (.689)
19.5 (.768)
22.1 (.870)
26.4(1.039)
28.5(1.122)
32.4(1.276)
35.0(1.378)
37.0(1.457)
1.7 (.067)
2.3 (.091)
3.4 (.134)
4.5 (.177)
5.8 (.228)
7.7 (.303)
9.4 (.370)
11.4 (.449)
13.3 (.524)
14.5 (.571)
16.4 (.646)
19.5 (.768)
21.0 (.827)
24.0 (.945)
26.0(1.024)
28.0(1.102)
Red
Blue
Yellow
1,000
500
200
100
50
25
20
10
oo
oo
oo
oo
oo
o
o
o
oo
o
(0.25 to 1.65)
(1.04 to 2.63)
(2.63 to 6.64)
(6.64 to 10.52)
(10.52 to 16.78)
(16.78 to 26.66)
(26.66 to 42.42)
(42.42 to 60.57)
(60.57 to 76.28)
(76.28 to 96.3)
(96.3 to 117.2)
(117.2 to 152.05)
(152.05 to 192.6)
(192.6 to 242.27)
(250)
(242.27 to 325)
oo
o
o
o
o
o
o
o
ooo
oo
ooo
oo
ooo
oo
ooo
oo
o
o
o
o
o
o
o
oo
o
o
oo
o
o
oo
o
o
o
oo
oo
oo
oo
oo
o
o
o
oo
o
o
oo
oo
o
oo
Part No.
Vinyl
Standard
Dimensions mm (in.)
Applicable Wire
AWG# (mm2)
ø D
L
Tool No.
Color
Qty/box
12 to 10 (2.63 to 6.64)
VP-1.25
FVP-1.25
VP-2
FVP-2
VP-5.5
FVP-5.5
16.0 (.630)
16.0 (.630)
20.5 (.807)
8.0 (.315)
8.0 (.315)
8.5 (.335)
3.2 (.126)
4.0 (.157)
3.9 (.154)
4.5 (.177)
5.4 (.213)
6.8 (.268)
1,000
1,000
500
500
1,000
250
500
oo
oo
oo
oo
o
o
Nylon
Vinyl Nylon
22 to 16 *(0.25 to 1.65)
16 to 14 (1.04 to 2.63)
NP-1.25
FNP-1.25
NP-2
FNP-2
NP-5.5
FNP-5.5
Note:1) *The crimping will be more secure if the total cross-sectional area of the wire is at least 0.5 mm2.
Examples: If the cross-sectional area of the wire is 0.3mm2, fold the wire in two when crimping the terminal.
If the cross-sectional area of the wire is 0.5mm2, crimp the terminal onto the wire as it is.
2) "Applicable Wires" indicates the total cross-sectional area.
3) Delivery lead times may vary depending on the product. Contact JST for details.
Note :1) Products with the JIS mark
conform to JIS C2806.
2) "Applicable Wires" indicates the total cross-sectional area.
3) Delivery lead times may vary depending on the product. Contact JST for details.
o
o
o
Solderless splices
PARALLEL
VP
FVP
NP
FNP
Vinyl
Nylon
L


Similar Part No. - FNP-2

ManufacturerPart #DatasheetDescription
logo
JST Mfg. Co., Ltd.
FNP-2 JST-FNP-2 Datasheet
97Kb / 1P
Solderless splices PARALLEL
More results

Similar Description - FNP-2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4035BF3A TI-CD4035BF3A Datasheet
893Kb / 17P
Parallel In/Parallel Out Shift Refister
logo
Micro Analog systems
MAS9171A MAS-MAS9171A Datasheet
102Kb / 9P
Parallel In, Parallel Out
logo
Festo Corporation.
HGPP-32-A-G2 FESTO-HGPP-32-A-G2 Datasheet
104Kb / 1P
Parallel gripper
HGPT-20-A-B-G1 FESTO-HGPT-20-A-B-G1 Datasheet
105Kb / 2P
Parallel gripper
HGPT-25-A-B-F FESTO-HGPT-25-A-B-F Datasheet
99Kb / 2P
Parallel gripper
HGPT-25-A-B-F-G1 FESTO-HGPT-25-A-B-F-G1 Datasheet
105Kb / 2P
Parallel gripper
HGPT-25-A-B-F-G2 FESTO-HGPT-25-A-B-F-G2 Datasheet
104Kb / 2P
Parallel gripper
HGPT-25-A-B-G1 FESTO-HGPT-25-A-B-G1 Datasheet
105Kb / 2P
Parallel gripper
HGPT-35-A-B FESTO-HGPT-35-A-B Datasheet
95Kb / 2P
Parallel gripper
HGPT-40-A-B-G2 FESTO-HGPT-40-A-B-G2 Datasheet
94Kb / 2P
Parallel gripper
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com