Electronic Components Datasheet Search
  English  ▼

X  

OPA615 Datasheet(PDF) 9 Page - Texas Instruments

Part # OPA615
Description  Wide-Bandwidth, DC Restoration Circuit
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA615 Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA615 Datasheet HTML 5Page - Texas Instruments OPA615 Datasheet HTML 6Page - Texas Instruments OPA615 Datasheet HTML 7Page - Texas Instruments OPA615 Datasheet HTML 8Page - Texas Instruments OPA615 Datasheet HTML 9Page - Texas Instruments OPA615 Datasheet HTML 10Page - Texas Instruments OPA615 Datasheet HTML 11Page - Texas Instruments OPA615 Datasheet HTML 12Page - Texas Instruments OPA615 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
40
30
20
10
0
Frequency (Hz)
1M
10M
100M
1G
V
IN
50
Ω
I
O UT
+5V
SOTA
Hold Control
50
Ω
∞
V
IN = 10mVPP
40
30
20
10
0
Quiescent Current (mA)
8
9
10
11
12
13
14
15
R
Q Adjusted
45
40
35
30
25
20
15
10
5
0
Input Voltage (mV)
−100 −80 −60 −40 −20
0
20
40
60
80
100
Small−Signal Around Input Voltage
8
6
4
2
0
−2
−4
−6
−8
SOTA Input Voltage (mV)
−200 −150 −100
−50
0
50
100
150
200
150
100
50
0
−50
−100
−150
Time (10ns/div)
f
IN = 20MHz
R
L = 50Ω
I
OUT = 4mAPP
t
RISE = 2ns
Hold Control = +5V
150
100
50
0
−50
−100
−150
Time (10ns/div)
f
IN = 20MHz
R
L = 50Ω
I
OUT = 4mAPP
t
RISE = 10ns
Hold Control = +5V
OPA615
www.ti.com...................................................................................................................................... SBOS299E – FEBRUARY 2004 – REVISED SEPTEMBER 2009
TYPICAL CHARACTERISTICS (continued)
TA = +25°C and IQ = 13mA, unless otherwise noted.
SOTA (Sampling Operational Transconductance Amplifier)
SOTA TRANSCONDUCTANCE vs FREQUENCY
SOTA TRANSCONDUCTANCE vs QUIESCENT CURRENT
Figure 19.
Figure 20.
SOTA TRANSCONDUCTANCE vs INPUT VOLTAGE
SOTA TRANSFER CHARACTERISTICS
Figure 21.
Figure 22.
SOTA PULSE RESPONSE
SOTA PULSE RESPONSE
Figure 23.
Figure 24.
Copyright © 2004–2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): OPA615



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com