Electronic Components Datasheet Search
  English  ▼

X  

OPA333 Datasheet(PDF) 10 Page - Texas Instruments

Part # OPA333
Description  OPA2188 0.03-μV/°C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA333 Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA333 Datasheet HTML 6Page - Texas Instruments OPA333 Datasheet HTML 7Page - Texas Instruments OPA333 Datasheet HTML 8Page - Texas Instruments OPA333 Datasheet HTML 9Page - Texas Instruments OPA333 Datasheet HTML 10Page - Texas Instruments OPA333 Datasheet HTML 11Page - Texas Instruments OPA333 Datasheet HTML 12Page - Texas Instruments OPA333 Datasheet HTML 13Page - Texas Instruments OPA333 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
15
10
5
0
5
10
15
-
-
-
-
20
-
15
-
10
-
5
0
20
V
(V)
CM
5TypicalUnitsShown
V = 18V
S
±
15
10
5
15
10
5
0
5
10
15
-
-
-
0
2
4
6
8
20
V
(V)
SUPPLY
5TypicalUnitsShown
V
= 2Vto 18V
SUPPLY
±
±
16
12
10
18
14
15
10
5
0
5
10
15
-
-
-
-
55
-
35
-
15
5
25
125
Temperature( C)
°
45
105
85
65
5TypicalUnitsShown
V = 18V
S
±
15
10
5
0
5
10
15
-
-
-
-
2.5
-
2
-
1.5
-
1
-
0.5
0
2.5
V
(V)
CM
5TypicalUnitsShown
V = 2V
S
±
2
1.5
1
0.5
OffsetVoltageDrift( V/ C)
m
°
40
35
30
25
20
15
10
5
0
DistributionTakenFrom78Amplifiers
OffsetVoltage( V)
m
20
18
16
14
12
10
8
6
4
2
0
DistributionTakenFrom1400Amplifiers
10
OPA2188
SBOS525C – AUGUST 2011 – REVISED JUNE 2016
www.ti.com
Product Folder Links: OPA2188
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
7.8 Typical Characteristics
VS = ±18 V, VCM = VS/2, RLOAD = 10 kΩ connected to VS/2, and CL = 100 pF, unless otherwise noted.
Figure 1. Offset Voltage Production Distribution
Figure 2. Offset Voltage Drift Distribution
Figure 3. Offset Voltage vs Temperature
Figure 4. Offset Voltage vs Common-Mode Voltage
Figure 5. Offset Voltage vs Common-Mode Voltage
Figure 6. Offset Voltage vs Power Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com