Electronic Components Datasheet Search
  English  ▼

X  

OPA2188 Datasheet(PDF) 7 Page - Texas Instruments

Part # OPA2188
Description  OPA4188 0.03-μV/°C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA2188 Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA2188 Datasheet HTML 3Page - Texas Instruments OPA2188 Datasheet HTML 4Page - Texas Instruments OPA2188 Datasheet HTML 5Page - Texas Instruments OPA2188 Datasheet HTML 6Page - Texas Instruments OPA2188 Datasheet HTML 7Page - Texas Instruments OPA2188 Datasheet HTML 8Page - Texas Instruments OPA2188 Datasheet HTML 9Page - Texas Instruments OPA2188 Datasheet HTML 10Page - Texas Instruments OPA2188 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
7
OPA4188
www.ti.com
SBOS641D – JUNE 2012 – REVISED SEPTEMBER 2016
Product Folder Links: OPA4188
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
Electrical Characteristics: High-Voltage Operation, VS = ±4 V to ±18 V (VS = 8 V to 36
V) (continued)
at TA = 25°C, RL = 10 kΩ connected to VS / 2, and VCOM = VOUT = VS / 2, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT
Voltage output swing from rail
No load
6
15
mV
RL = 10 kΩ
220
250
mV
RL = 10 kΩ, TA = –40°C to 125°C
310
350
mV
ISC
Short circuit current
±18
mA
RO
Open-loop output resistance
f = 1 MHz, IO = 0
120
Ω
CLOAD
Capacitive load drive
1
nF
POWER SUPPLY
VS
Operating voltage range
4 to 36 (±2 to ±18)
V
IQ
Quiescent current (per amplifier)
VS = ±4 V to VS = ±18 V
415
500
μA
IO = 0 mA, TA = –40°C to 125°C
570
μA
TEMPERATURE RANGE
Temperature
range
Specified
–40
125
°C
Operating
–55
150
°C
Storage
–65
150
°C
(1)
1000-hour life test at +125°C demonstrated randomly distributed variation in the range of measurement limits—approximately 4 μV.
7.6 Electrical Characteristics: Low-Voltage Operation, VS = ±2 V to < ±4 V (VS = +4 V to < +8 V)
at TA = 25°C, RL = 10 kΩ connected to VS / 2, and VCOM = VOUT = VS / 2, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VOS
Input offset voltage
TA = 25°C
6
25
μV
dVOS/dT
TA = –40°C to 125°C
0.03
0.085
μV/°C
PSRR
Power-supply rejection ratio
VS = 4 V to 36 V, VCM = VS / 2
0.075
0.3
μV/V
VS = 4 V to 36 V, VCM = VS / 2,
TA = –40°C to 125°C
0.3
μV/V
Long-term stability
4(1)
μV
Channel separation, DC
1
μV/V
INPUT BIAS CURRENT
IB
Input bias current
VCM = VS / 2
±160
±1400
pA
TA = –40°C to 125°C
±18
nA
IOS
Input offset current
±320
±2800
pA
TA = –40°C to 125°C
±6
nA
NOISE
en
Input voltage noise
f = 0.1 Hz to 10 Hz
0.25
μVPP
en
Input voltage noise density
f = 1 kHz
8.8
nV/
√Hz
in
Input current noise density
f = 1 kHz
7
fA/
√Hz
INPUT VOLTAGE RANGE
VCM
Common-mode voltage range
V–
(V+) – 1.5
V
CMRR
Common-mode rejection ratio
(V–) < VCM < (V+) – 1.5 V
106
114
dB
(V–) + 0.5 V < VCM < (V+) – 1.5 V,
VS = ±2 V
114
120
dB
(V–) + 0.5 V < VCM < (V+) – 1.5 V,
VS = ±2 V, TA = –40°C to 125°C
108
120
dB
INPUT IMPEDANCE
Input impedance
Differential
100 || 6
MΩ || pF
Common-mode
6 || 9.5
1012 Ω ||
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com