Electronic Components Datasheet Search
  English  ▼

X  

PCM2704DB.B Datasheet(PDF) 40 Page - Texas Instruments

Part # PCM2704DB.B
Description  STEREO AUDIO DAC WITH USB INTERFACE, SINGLE-ENDED HEADPHONE OUTPUT AND S/PDIF OUTPUT
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM2704DB.B Datasheet(HTML) 40 Page - Texas Instruments

Back Button PCM2704DB.B Datasheet HTML 36Page - Texas Instruments PCM2704DB.B Datasheet HTML 37Page - Texas Instruments PCM2704DB.B Datasheet HTML 38Page - Texas Instruments PCM2704DB.B Datasheet HTML 39Page - Texas Instruments PCM2704DB.B Datasheet HTML 40Page - Texas Instruments PCM2704DB.B Datasheet HTML 41Page - Texas Instruments PCM2704DB.B Datasheet HTML 42Page - Texas Instruments PCM2704DB.B Datasheet HTML 43Page - Texas Instruments PCM2704DB.B Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 45 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
0.05 MAX
ALL AROUND
0.05 MIN
ALL AROUND
(8.4)
(8.4)
28X (0.8)
32X (1.5)
32X (0.55)
(R0.05) TYP
TQFP - 1.2 mm max height
PJT0032A
PLASTIC QUAD FLATPACK
4220861/A 07/2023
NOTES: (continued)
4. Publication IPC-7351 may have alternate designs.
5. Solder mask tolerances between and around signal pads can vary based on board fabrication site.
LAND PATTERN EXAMPLE
EXPOSED METAL SHOWN
SCALE:8X
SYMM
SYMM
32
25
9
16
17
24
1
8
SEE DETAILS
METAL
SOLDER MASK
OPENING
NON SOLDER MASK
DEFINED
SOLDER MASK DETAILS
EXPOSED
METAL
SOLDER MASK
METAL UNDER
SOLDER MASK
SOLDER MASK
DEFINED
EXPOSED
METAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com