Electronic Components Datasheet Search
  English  ▼

X  

OPA684 Datasheet(PDF) 12 Page - Texas Instruments

Part # OPA684
Description  Wideband, Low-Power, Current Feedback Operational Amplifier
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA684 Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA684 Datasheet HTML 8Page - Texas Instruments OPA684 Datasheet HTML 9Page - Texas Instruments OPA684 Datasheet HTML 10Page - Texas Instruments OPA684 Datasheet HTML 11Page - Texas Instruments OPA684 Datasheet HTML 12Page - Texas Instruments OPA684 Datasheet HTML 13Page - Texas Instruments OPA684 Datasheet HTML 14Page - Texas Instruments OPA684 Datasheet HTML 15Page - Texas Instruments OPA684 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
OPA694
+5V
R
O
50W
V
O
R
F
430W
R
G
430W
R
M
50W
-5V
V
I
OPA694
SAW
Filter
+12V
Matching
Network
=12dB
(SAWLoss)
-
50W
Source
50W
50W
P
O
P
O
P
I
P
I
400W
50W
0.1 F
m
1000pF
1000pF
5kW
5kW
3
0
-3
-6
-9
-12
10M
100M
3G
1G
Frequency(Hz)
G=+1,Figure1
G=+1,Figure6
OPA694
SBOS319G – SEPTEMBER 2004 – REVISED JANUARY 2010
www.ti.com
SAW FILTER BUFFER
small-signal frequency response for the unity gain
buffer of Figure 31 compared to the improved
One common requirement in an IF strip is to buffer
approach shown in Figure 36. Either approach gives
the output of a mixer with enough gain to recover the
a
low-power
unity-gain
buffer
with
>
1.56GHz
insertion loss of a narrowband SAW filter. Figure 35
bandwidth.
shows one possible configuration driving a SAW filter.
The Two-Tone, Third-Order Intermodulation Intercept
plot
(Figure
14)
is
shown
in
the
Typical
Characteristics curves. Operating in the inverting
mode at a voltage gain of –8V/V, this circuit provides
a 50
Ω input match using the gain set resistor, has the
feedback optimized for maximum bandwidth (250MHz
in this case), and drives through a 50
Ω output resistor
into the matching network at the input of the SAW
filter. If the SAW filter gives a 12dB insertion loss, a
net gain of 0dB to the 50
Ω load at the output of the
SAW (which could be the input impedance of the next
IF amplifier or mixer) will be delivered in the
passband of the SAW filter. Using the OPA694 in this
Figure 36. Improve Unity Gain Buffer
application will isolate the first mixer from the
impedance of the SAW filter and provide very low
two-tone, 3rd-order spurious levels in the SAW filter
bandwidth.
Figure 35. IF Amplifier Driving SAW Filter
Figure 37. Gain of +1 Frequency Response
WIDEBAND UNITY GAIN BUFFER WITH
IMPROVED FLATNESS
DESIGN-IN TOOLS
The unity gain buffer configuration of Figure 31
shows
a
peaking
in
the
frequency
response
DEMONSTRATION FIXTURES
exceeding 2dB. This gives the slight amount of
overshoot and ringing apparent in the gain of +1V/V
Two printed circuit boards (PCBs) are available to
pulse response curves. A similar circuit that holds a
assist in the initial evaluation of circuit performance
flatter frequency response, giving improved pulse
using the OPA694 in its two package options. Both of
fidelity, is shown in Figure 36.
these are offered free of charge as unpopulated
PCBs, delivered with a user’s guide. The summary
This circuit removes the peaking by bootstrapping out
information for these fixtures is shown in Table 1.
any parasitic effects on RG. The input impedance is
still set by RM as the apparent impedance looking into
Table 1. Demonstration Fixtures by Package
RG is very high. RM may be increased to show a
higher input impedance, but larger values will start to
ORDERING
LITERATURE
impact DC output offset voltage. This circuit creates
PRODUCT
PACKAGE
NUMBER
NUMBER
an additional input offset voltage as the difference in
DEM-OPA-
OPA694ID
SO-8
SBOU026
the two input bias currents times the impedance to
SO-1B
ground at VI. Figure 37 shows a comparison of
DEM-OPA-
OPA694IDBV
SOT23-5
SBOU027
SOT-1B
12
Copyright © 2004–2010, Texas Instruments Incorporated
Product Folder Link(s): OPA694



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com