Electronic Components Datasheet Search
  English  ▼

X  

RF430CL331H Datasheet(PDF) 7 Page - Texas Instruments

Part # RF430CL331H
Description  RF430CL331H NFC Type 4B Dynamic Dual Interface Transponder
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

RF430CL331H Datasheet(HTML) 7 Page - Texas Instruments

Back Button RF430CL331H Datasheet HTML 3Page - Texas Instruments RF430CL331H Datasheet HTML 4Page - Texas Instruments RF430CL331H Datasheet HTML 5Page - Texas Instruments RF430CL331H Datasheet HTML 6Page - Texas Instruments RF430CL331H Datasheet HTML 7Page - Texas Instruments RF430CL331H Datasheet HTML 8Page - Texas Instruments RF430CL331H Datasheet HTML 9Page - Texas Instruments RF430CL331H Datasheet HTML 10Page - Texas Instruments RF430CL331H Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 63 page
background image
RF430CL331H
www.ti.com
SLASE18A – SEPTEMBER 2015 – REVISED NOVEMBER 2015
4
Specifications
4.1
Absolute Maximum Ratings
(1) (2)
MIN
MAX
UNIT
Voltage applied at VCC referenced to VSS (VAMR)
–0.3
4.1
V
Voltage applied at VANT referenced to VSS (VAMR)
–0.3
4.1
V
Voltage applied to any pin (references to VSS)
–0.3
VCC + 0.3
V
Diode current at any device pin
±2
mA
Storage temperature, Tstg
(3)
–40
125
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are referenced to VSS.
(3)
For soldering during board manufacturing, it is required to follow the current JEDEC J-STD-020 specification with peak reflow
temperatures not higher than classified on the device label on the shipping boxes or reels.
4.2
ESD Ratings
VALUE
UNIT
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001 (1)
±2000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-C101 (2)
±500
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
4.3
Recommended Operating Conditions
Typical values are specified at VCC = 3.3 V and TA = 25°C (unless otherwise noted)
MIN
NOM
MAX
UNIT
During program execution no RF field present
3.0
3.3
3.6
VCC
Supply voltage
V
During program execution with RF field present
2.0
3.3
3.6
VSS
Supply voltage (GND reference)
0
V
TA
Operating free-air temperature
–40
85
°C
C1
Decoupling capacitor on VCC
(1)
0.1
µF
C2
Decoupling capacitor on VCC
(1)
1
µF
CVCORE
Capacitor on VCORE
(1)
0.1
0.47
1
µF
(1)
Low ESR (equivalent series resistance) capacitor
4.4
Recommended Operating Conditions, Resonant Circuit
MIN
NOM
MAX
UNIT
fc
Carrier frequency
13.56
MHz
VANT_peak Antenna input voltage
3.6
V
Z
Impedance of LC circuit
6.5
15.5
k
Ω
LRES
Coil inductance(1)
2.66
µH
CRES
Total resonance capacitance(1), CRES = CIN + CTune
51.8
pF
CTune
External resonance capacitance
CRES – CIN
(2)
pF
QT
Tank quality factor
30
(1)
The coil inductance of the antenna LRES with the external capacitance CTune plus the device internal capacitance CIN is a resonant
circuit. The resonant frequency of this LC circuit must be close to the carrier frequency fc:
fRES = 1 / [2π(LRESCRES)
1/2] = 1 / [2π(L
RES(CIN+CTune))
1/2] ≈ f
c
(2)
For CIN refer to Section 4.9.3.
Copyright © 2015, Texas Instruments Incorporated
Specifications
7
Submit Documentation Feedback
Product Folder Links: RF430CL331H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com