Electronic Components Datasheet Search
  English  ▼

X  

PTH04T241WAS Datasheet(PDF) 7 Page - Texas Instruments

Part # PTH04T241WAS
Description  10-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS™
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PTH04T241WAS Datasheet(HTML) 7 Page - Texas Instruments

Back Button PTH04T241WAS Datasheet HTML 3Page - Texas Instruments PTH04T241WAS Datasheet HTML 4Page - Texas Instruments PTH04T241WAS Datasheet HTML 5Page - Texas Instruments PTH04T241WAS Datasheet HTML 6Page - Texas Instruments PTH04T241WAS Datasheet HTML 7Page - Texas Instruments PTH04T241WAS Datasheet HTML 8Page - Texas Instruments PTH04T241WAS Datasheet HTML 9Page - Texas Instruments PTH04T241WAS Datasheet HTML 10Page - Texas Instruments PTH04T241WAS Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
ELECTRICAL CHARACTERISTICS
PTH04T240W, PTH04T241W
www.ti.com ...................................................................................................................................................... SLTS276D – OCTOBER 2006 – REVISED JULY 2009
PTH04T241W (Ceramic Capacitors)
TA = 25°C, VI = 5 V, VO = 3.3 V, CI = 200 µF ceramic, CO = 300 µF ceramic, and IO = IO max (unless otherwise stated)
PARAMETER
TEST CONDITIONS
PTH04T241W
UNIT
MIN
TYP
MAX
IO
Output current
Over VO range
25°C, natural convection
0
10
A
0.69
≤ VO ≤ 1.7
2.2
5.5
VI
Input voltage range
Over IO range
V
1.7 < VO ≤ 3.6 VO+0.5
(1)
5.5
VOADJ
Output voltage adjust range
Over IO range
0.69
3.6
V
Set-point voltage tolerance
±0.5
±1 (2)
%Vo
Temperature variation
–40°C < TA < 85°C
±0.3
%Vo
VO
Line regulaltion
Over VI range
±3
mV
Load regulation
Over IO range
±2
mV
Total output variation
Includes set-point, line, load, –40°C
≤ TA ≤ 85°C
±1.5 (2)
%Vo
RSET = 1.21 kΩ, VO = 3.3 V
94%
RSET = 2.38 kΩ, VO = 2.5 V
92%
RSET = 4.78 kΩ, VO = 1.8 V
90%
η
Efficiency
IO = 10 A
RSET = 7.09 kΩ, VO = 1.5 V
88%
RSET = 12.1 kΩ, VO = 1.2 V
87%
RSET = 20.8 kΩ, VO = 1.0 V
85%
RSET = 689 kΩ, VO = 0.7 V
80%
VO Ripple (peak-to-peak)
20-MHz bandwidth
20
mVPP
ILIM
Overcurrent threshold
Reset, followed by auto-recovery
20
A
ttr
w/o TurboTrans
Recovery time
60
µs
CO= 300 µF, TypeA
mV
ΔVtr
2.5 A/µs load step
VO over/undershoot
110
RTT = open
Transient response
50 to 100% IOmax
ttrTT
w/ TurboTrans
Recovery time
80
µs
VO = 2.5 V
CO= 3000 µF, TypeA
mV
ΔVtrTT
VO over/undershoot
33
RTT = short
IIL
Track input current (pin 10)
Pin to GND
–130(3)
µA
dVtrack/dt
Track slew rate capability
CO ≤ CO (max)
1
V/ms
VI increasing, RUVLO = OPEN
1.95
2.19
Adjustable Under-voltage lockout
UVLOADJ
Vi decreasing, RUVLO = OPEN
1.30
1.50
V
(pin 11)
Hysteresis, RUVLO = OPEN
0.5
Input high voltage (VIH)
Open(4)
V
Inhibit control (pin 11)
Input low voltage (VIL)
-0.2
0.8
Input low current (IIL ), Pin 11 to GND
235
µA
Iin
Input standby current
Inhibit (pin 11) to GND, Track (pin 10) open
5
mA
f s
Switching frequency
Over VI and IO ranges, SmartSync (pin 1) to GND
300
kHz
Synchronization (SYNC)
fSYNC
240
400
kHz
frequency
VSYNCH
SYNC High-Level Input Voltage
2
5.5
V
VSYNCL
SYNC Low-Level Input Voltage
0.8
V
tSYNC
SYNC Minimum Pulse Width
200
ns
CI
External input capacitance
200 (5)
µF
(1)
The minimum input voltage is 2.2 V or (VO + 0.5) V, whichever is greater.
(2)
The set-point voltage tolerance is affected by the tolerance and stability of RSET. The stated limit is unconditionally met if RSET has a
tolerance of 1% with 100 ppm/C or better temperature stability. .
(3)
A low-leakage (<100 nA), open-drain device, such as MOSFET or voltage supervisor IC, is recommended to control pin 10. The
open-circuit voltage is less than VI.
(4)
This control pin has an internal pull-up. Do not place an external pull-up on this pin. If it is left open-circuit, the module operates when
input power is applied. A small, low-leakage (<100 nA) MOSFET is recommended for control. The open-circuit voltage is less than
3.5Vdc. For additional information, see the related application note.
(5)
200 µF of input capacitance is required for proper operation. 200 µF of ceramic or 220 µF of electrolytic input capacitance can be used.
Electrolytic capacitance must be rated for a minimum of 500 mA rms of ripple current. An additional 22-
µF ceramic input capacitor is
recommended to reduce rms ripple current.
Copyright © 2006–2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): PTH04T240W PTH04T241W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com