Electronic Components Datasheet Search
  English  ▼

X  

RF430CL331HIPW Datasheet(PDF) 10 Page - Texas Instruments

Part # RF430CL331HIPW
Description  RF430CL331H NFC Type 4B Dynamic Dual Interface Transponder
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

RF430CL331HIPW Datasheet(HTML) 10 Page - Texas Instruments

Back Button RF430CL331HIPW Datasheet HTML 6Page - Texas Instruments RF430CL331HIPW Datasheet HTML 7Page - Texas Instruments RF430CL331HIPW Datasheet HTML 8Page - Texas Instruments RF430CL331HIPW Datasheet HTML 9Page - Texas Instruments RF430CL331HIPW Datasheet HTML 10Page - Texas Instruments RF430CL331HIPW Datasheet HTML 11Page - Texas Instruments RF430CL331HIPW Datasheet HTML 12Page - Texas Instruments RF430CL331HIPW Datasheet HTML 13Page - Texas Instruments RF430CL331HIPW Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 63 page
background image
SDA
SCL
1/fSCL
tHD,DAT
tSU,DAT
tHD,STA
tSU,STA
tHD,STA
tSU,STO
tSP
RF430CL331H
SLASE18A – SEPTEMBER 2015 – REVISED NOVEMBER 2015
www.ti.com
4.9
Timing and Switching Characteristics
4.9.1
Reset Timing
Table 4-1. I2C Power-up Timing
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
MIN
MAX
UNIT
tReady
Time after power up or reset until device is ready to communicate using I2C(1)
20
ms
(1)
The device is ready to communicate after tReady(MAX) at the latest.
4.9.2
Serial Communication Protocol Timing
Table 4-2. I2C Interface
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted) (see Figure 4-1)
PARAMETER
TEST CONDITIONS
VCC
MIN
MAX
UNIT
SCL clock frequency (with Master supporting clock stretching
according to I2C standard, or when the device is not being
3.3 V
0
400
addressed)
fSCL
kHz
Write
3.3 V
0
120
SCL clock frequency (device being addressed by Master not
supporting clock stretching)
Read
3.3 V
0
100
fSCL ≤ 100 kHz
4
tHD,STA
Hold time (repeated) START
3.3 V
µs
fSCL > 100 kHz
0.6
fSCL ≤ 100 kHz
4.7
tSU,STA
Setup time for a repeated START
3.3 V
µs
fSCL > 100 kHz
0.6
tHD,DAT
Data hold time
3.3 V
0
ns
tSU,DAT
Data setup time
3.3 V
250
ns
tSU,STO
Setup time for STOP
3.3 V
4
µs
tSP
Pulse duration of spikes suppressed by input filter
3.3 V
6.25
75
ns
Figure 4-1. I2C Mode Timing
10
Specifications
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: RF430CL331H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com