Electronic Components Datasheet Search
  English  ▼

X  

SN74AHCT367 Datasheet(PDF) 8 Page - Texas Instruments

Part # SN74AHCT367
Description  SN74AHCT367 Hex Buffer and Line Driver with 3-State Output
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74AHCT367 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74AHCT367 Datasheet HTML 4Page - Texas Instruments SN74AHCT367 Datasheet HTML 5Page - Texas Instruments SN74AHCT367 Datasheet HTML 6Page - Texas Instruments SN74AHCT367 Datasheet HTML 7Page - Texas Instruments SN74AHCT367 Datasheet HTML 8Page - Texas Instruments SN74AHCT367 Datasheet HTML 9Page - Texas Instruments SN74AHCT367 Datasheet HTML 10Page - Texas Instruments SN74AHCT367 Datasheet HTML 11Page - Texas Instruments SN74AHCT367 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
7 Detailed Description
7.1 Overview
The SN74AHCT367 device is designed specifically to improve both the performance and density of
3-state memory address drivers, clock drivers, and bus-oriented receivers and transmitters. This device is
organized as a dual 4-line and 2-line buffer/driver with active-low output-enable (1 OE and 2 OE) inputs. When
OE is low, the device passes noninverted data from the A inputs to the Y outputs. When OE is high, the outputs
are in the high-impedance state.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pull-up
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
7.2 Functional Block Diagram
1OE
To Three Other Channels
1A1
1Y1
2OE
To One Other Channel
2A1
2Y1
Figure 7-1. Logic Diagram (Positive Logic)
7.3 Feature Description
• VCC is optimized at 5 V
• Allows up voltage translation from 3.3 V to 5 V
– Inputs Accept VIH levels of 2 V
• Slow edge rates minimize output ringing
• Inputs are TTL-Voltage compatible
7.4 Device Functional Modes
Table 7-1. Function Table
(Each Buffer/Driver)
INPUTS
OUTPUT
Y
OE
A
H
X
Z
L
H
H
L
L
L
SN74AHCT367
SCLS418I – JUNE 1998 – REVISED JULY 2024
www.ti.com
8
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: SN74AHCT367



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com