Electronic Components Datasheet Search
  English  ▼

X  

K80 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # K80
Description  Enhanced security, memory expansion and flexible I/O capabilities
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

K80 Datasheet(HTML) 2 Page - NXP Semiconductors

  K80 Datasheet HTML 1Page - NXP Semiconductors K80 Datasheet HTML 2Page - NXP Semiconductors K80 Datasheet HTML 3Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
COMPREHENSIVE
ENABLEMENT SOLUTIONS
Kinetis software development kit (SDK)
www.nxp.com/ksdk
}
Kinetis SDK is a collection of
software enablement for NXP Kinetis
microcontrollers that includes system
startup, peripheral drivers, stacks and
middleware, with new support
for symmetric and asymmetric
cryptographic acceleration
}
Pre-integrated real-time operation
systems (RTOS) kernels, including
FreeRTOS™, Micrium® μC/OS-II®
and μC/OS-III®
}
All software is provided free-of-charge
as assembly and C source code under
permissive and open-source licensing
}
Includes software examples demonstrating
the usage of the HAL, peripheral drivers,
middleware and RTOSes
Processor Expert® software
configuration tool
}
Complimentary software configuration
tool providing I/O allocation and pin
initialization and configuration of hardware
abstraction and peripheral drivers
Toolchain
}
Atollic® TrueSTUDIO®
}
IAR Embedded Workbench®
}
Arm Keil® Microcontroller Development Kit
}
SOMNIUM® DRT Cortex-M IDE
}
Kinetis Design Studio IDE
– No-cost integrated development
environment (IDE) for Kinetis MCUs
– Eclipse and GCC-based IDE for C/C++
editing, compiling and debugging
Security
and Integrity
Cyclic Redundancy
Check (CRC)
True Random
Number Generator
Cryptographic
Acceleration Unit (CAU)
Tamper
Detection
Low-Power Cryptographic
Co-Processor
(LTC)(AES, DES, PKHA)
Core
DSP
Debug Interfaces
Floating Point Unit (FPU)
Interrupt Controller
ARM® Cortex®-M4 Core Up to 150 MHz with
HSRUN Bit Manipulation Engine
8 KB I/D Cache
8 KB System Cache
Optional
Analog
16-bit SAR ADC
2 x Analog Comparator
12-bit DAC
1.2 V VREF
Communication Interfaces
4 x I2C
4 x Low-Power UART
3 x SPI
2 x EMVSIM
1 x USB OTG
(LS/FS) + PHY
USB
Voltage Regulator
Memories
1 x I2S
Secure Digital Host
Controller (SDHC)
USB Device
Charger Detect
Timers
FlexTimer LPTPM
Programmable
Delay Block
Periodic Interrupt
Timers
Low-Power Timer
Independent Real-Time
Clock (RTC)
Carrier Modulator
Transmitter
System
Internal and External
Watchdogs
32-ch. Asynchronous
DMA
24 Wake-Up Pins
MPU
HMI
Up to 87 GPIOs
Flex™ I/O
Touch Sensing
Interface (TSI)
Clocks SCG
Phase-Locked Loop
Frequency-
Locked Loop
Low-/High- Frequency
Oscillators
Internal Reference
Clocks
Program Flash
(256 KB)
QuadSPI
(Execute-in-Place)
On-the-Fly
AES decryption
SRAM (256 KB)
External Bus Interface
(FlexBus)
SDRAM Controller
Boot ROM
BLOCK DIAGRAM
Bootloader
}
Common bootloader for all Kinetis MCUs
}
In-system flash programming over a serial
connection: erase, program, verify
}
ROM-based bootloader with open-source
software and host-side programming
utilities
Development Hardware
}
FRDM-K28F: Freedom development
board
– Low cost
– Arduino® R3 compatible
}
TWR-K80F150M: Tower® System modular
development platform
– Rapid prototyping and evaluation
– Interchangeable modules
}
TWR-PoS-K81: Point-of-sale (POS)
development kit
Standard key features
UART, I2C, I2S, SPI,
16-bit ADC, 12-bit DAC,
timers, comparators,
True RNG, CRC
and GPIO
CPU
Memory
Packages
Comms
Security
Arm® Cortex®-M4
with Floating Point
Unit (FPU)
K80
150 MHz
256 KB Flash,
256 KB SRAM,
8 KB System + 8 KB I/D cache,
XIP QuadSPI,
SDRAM Controller
MAPBGA, LQFP
x
x
K81
x
x
x
x
x
K82
x
x
x
x
STANDARD KEY FEATURES



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com