Electronic Components Datasheet Search
  English  ▼

X  

LTM8027 Datasheet(PDF) 4 Page - Linear Technology

Part # LTM8027
Description  60V, 4A DC/DC µModule® Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8027 Datasheet(HTML) 4 Page - Linear Technology

  LTM8027 Datasheet HTML 1Page - Linear Technology LTM8027 Datasheet HTML 2Page - Linear Technology LTM8027 Datasheet HTML 3Page - Linear Technology LTM8027 Datasheet HTML 4Page - Linear Technology LTM8027 Datasheet HTML 5Page - Linear Technology LTM8027 Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
dc1307bf
DEMO MANUAL DC1307B
pArts list
ITEM
QUANTITY
REFERENCE
DESCRIPTION
MANUFACTURER’S PART NUMBER
Required Circuit Components
1
1
C5
Capacitor, COG, 1500pF, 100V, 5%, 0603
AVX, 06031A152JAT2A
2
1
C1
Capacitor, X5R, 2.2µF, 100V, 10%, 1210
TDK, C3225X5R2A225K
3
1
C2
Capacitor, X5R, 22µF, 16V, 20%, 1210
AVX, 1210YC226MAT2A
4
2
C3, C4
Capacitor, TQC, 68µF, 16V
SANYO, 16TQC68M
5
1
R1
Resistor, Chip, 56.2k, 1/16W, 1%, 0603
Vishay, CRCW060356K2FKEA
6
1
R2
Resistor., Chip, 845k, 1/16W, 1%, 0603
Vishay, CRCW0603845KFKEA
7
1
R3
Resistor, Chip, 49.9k, 1/16W, 1%, 0603
Vishay, CRCW060349K9FKEA
8
1
R4
Resistor, Chip, 82.5k, 1/16W, 5%, 0603
Vishay, CRCW060382K5FKEA
9
1
U1
I.C., LTM8027EV#PBF, LGA,113-Pin
Linear Technology, LTM8027EV#PBF
Additional Demo Board Circuit Components
1
1
CIN
Capacitor, Aluminum, 22µF, 63V
Sun Electronic, 63CE22BS
2
1
C6
Capacitor, X7R, 0.1µF, 50V, 10%, 0603
Murata, GRM188R71H104KA93D
3
0
C7 (Optional)
Capacitor, Aluminum, 63V, 22µF
4
0
C8 (Optional)
Capacitor, 1210
5
0
C9 (Optional)
Capacitor, 1206
6
0
L2 (Optional)
Inductor, 22µH
Vishay, IHLP-4040DZER22R0M11
7
0
FB1 (Optional)
Resistor, Chip, 1206
Hardware, for Demo Board Only
1
6
E1-E6
Testpoint, Turrent, .095”
MILL-MAX, 2501-2-00-80-00-00-07-0
2
1
JP1
2mm Single Row Header, 3-Pin
Samtec, TMM-103-02-L-S
3
1
JP1
Shunt
Samtec, 2SN-BK-G
4
4
E7-E10
Banana Jack
Keystone, 575-4
5
4
(Stand-Off)
Stand-Off, Nylon 0.50" Tall
Keystone, 8833(Snap On)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com