Electronic Components Datasheet Search
  English  ▼

X  

575-4 Datasheet(PDF) 2 Page - Linear Technology

Part # 575-4
Description  60V, 4A DC/DC µModule® Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

575-4 Datasheet(HTML) 2 Page - Linear Technology

  575-4 Datasheet HTML 1Page - Linear Technology 575-4 Datasheet HTML 2Page - Linear Technology 575-4 Datasheet HTML 3Page - Linear Technology 575-4 Datasheet HTML 4Page - Linear Technology 575-4 Datasheet HTML 5Page - Linear Technology 575-4 Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
dc1307bf
DEMO MANUAL DC1307B
qUick stArt proceDUre
Demonstration circuit 1307B is an easy way to evaluate
the performance of the LTM8027. Refer to Figure 1 for
proper measurement equipment setup and follow the
procedure below:
1. Place JP1 on the ON position.
2. With power off, connect the input power supply to VIN
and GND. Preset the power supply within the input
voltage range.
3. Connect the load and preset to 0A.
4. Turn on the power at the input.
5. Check for the proper output voltage.
6. Once the proper output voltages are established, adjust
the loads within the operating range and observe the
output voltage regulation, ripple voltage, efficiency and
other parameters.
Figure 1. Proper Measurement Equipment Setup
+ –
+
–
+
–
LOAD
+
–
+
–
+
–
dc1307b F02



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com