Electronic Components Datasheet Search
  English  ▼

X  

AC45S-Q Datasheet(PDF) 1 Page - Comus International

Part # AC45S-Q
Description  AEC-Q101 Certified - 2 Form A - PhotoDMOS Relays
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMUS [Comus International]
Direct Link  https://comus-intl.com/
Logo COMUS - Comus International

AC45S-Q Datasheet(HTML) 1 Page - Comus International

  AC45S-Q Datasheet HTML 1Page - Comus International AC45S-Q Datasheet HTML 2Page - Comus International AC45S-Q Datasheet HTML 3Page - Comus International  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SOP TYPE
QUANTITY
AC45S-Q
Tape & Reel
Tube 50
Tape 1000
Feed direction: Pin No. 5, 6, 7, 8
AC45S-Q-R1
Part Number: AC45S-Q
AEC-Q101 Certified - 2 Form A - PhotoDMOS Relays
Product Data Sheet
PICTURE
FEATURES
CIRCUIT DIAGRAM
Drawings not to scale.
All dimensions in mm nominal.
Relays
Phone: (1) 973 777 6900
www.comus-intl.com
Fax: (1) 973 777 8405
As part of the company policy of continued product improvement, specifications may change without notice. Our sales office will be pleased to help you with the latest information on this product range and
the details of our full design and manufacturing service. All products are supplied to our standard conditions of sale unless otherwise agreed in writing.
An ISO 9001 Certified Company
Belgium: + 32 (0)12 390400 - Comus Europe Ltd (Assemtech) UK: +44 (0) 1255 862236 - Germany: +49 (0)911 923 15 943 - Netherlands: +31(0)45 54 39 345 - India: +(91) (44) 42023510
©2016 Copyright Comus International, 454 Allwood Road, Clifton NJ 07012, USA
Rev: 0 - Date: Sept/1/2016 - Signature: BR
PART IDENTIFICATION
•
PhotoDMOS Relays
• AEC-Q101 Certification for Automotive Applications
• 60 Volt, 200 mA
• On-Resistance 3 Ω (Typical)
• I/O Breakdown Voltage: SOP 1500 Vrms Min.
• Max LED Current 3.0 mA
• Tape and Reel, add R1 (Example: AC45S-Q-R1)
1, 3: Anode
2, 4: Cathode
5, 6, 7, 8: Drain
(LED)
(LED)
(MOSFET)
• Recommended Soldering Pattern
For Reflow Soldering
5.2
7.8
8
7
6
5
1
( )
2
3
4
( ) ( ) ( )
2.0±0.2
SOP8
(TOP VIEW)
4.4±0.3
9.4±0.3
Drawings not to scale.
All dimensions in mm nominal. Pitch: 2.54 mm
60 VOLTS
AEC-Q101


Similar Part No. - AC45S-Q

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AC45 ALLIED-AC45 Datasheet
263Kb / 1P
Axial Coated Inductor
AC45-100K-RC ALLIED-AC45-100K-RC Datasheet
263Kb / 1P
Axial Coated Inductor
AC45-101K-RC ALLIED-AC45-101K-RC Datasheet
263Kb / 1P
Axial Coated Inductor
AC45-471K-RC ALLIED-AC45-471K-RC Datasheet
263Kb / 1P
Axial Coated Inductor
logo
3M Electronics
AC452 3M-AC452 Datasheet
244Kb / 3P
3M Scotch-Weld??Instant Adhesive Activators and Primers
More results

Similar Description - AC45S-Q

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
LH1525AT INFINEON-LH1525AT Datasheet
187Kb / 7P
1 Form A Solid-State Relays
March 21, 2001-14
logo
Rohm
YFZVFH18B ROHM-YFZVFH18B Datasheet
1Mb / 9P
Zener Diode (AEC-Q101 qualified)
YFZVFH27B ROHM-YFZVFH27B Datasheet
1Mb / 9P
Zener Diode (AEC-Q101 qualified)
logo
TT Electronics.
HA65A TTELEC-HA65A Datasheet
473Kb / 2P
AEC-Q200 certified
logo
STMicroelectronics
STB100NF04T4 STMICROELECTRONICS-STB100NF04T4 Datasheet
1Mb / 20P
AEC-Q101 qualified
21-Nov-2016
STH275N8F7-2AG STMICROELECTRONICS-STH275N8F7-2AG Datasheet
889Kb / 18P
AEC-Q101 qualified
January 2017 Rev 4
TN3050H-12WY STMICROELECTRONICS-TN3050H-12WY Datasheet
394Kb / 9P
AEC-Q101 qualified
03-Oct-2016
logo
Littelfuse
AQ1006 LITTELFUSE-AQ1006 Datasheet
2Mb / 4P
AEC-Q101 qualified
AQ1026 LITTELFUSE-AQ1026 Datasheet
2Mb / 4P
AEC-Q101 qualified
logo
Shanghai Leiditech Elec...
LM1206 LEIDITECH-LM1206 Datasheet
763Kb / 3P
AEC-Q200 Automotive Grade Certified
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com