Electronic Components Datasheet Search
  English  ▼

X  

USB3FTV2BG Datasheet(PDF) 9 Page - Amphenol PCD, Inc

Part # USB3FTV2BG
Description  USB connection system for harsh environment
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLPCD [Amphenol PCD, Inc]
Direct Link  https://www.amphenolpcd.com/
Logo AMPHENOLPCD - Amphenol PCD, Inc

USB3FTV2BG Datasheet(HTML) 9 Page - Amphenol PCD, Inc

Back Button USB3FTV2BG Datasheet HTML 3Page - Amphenol PCD, Inc USB3FTV2BG Datasheet HTML 4Page - Amphenol PCD, Inc USB3FTV2BG Datasheet HTML 5Page - Amphenol PCD, Inc USB3FTV2BG Datasheet HTML 6Page - Amphenol PCD, Inc USB3FTV2BG Datasheet HTML 7Page - Amphenol PCD, Inc USB3FTV2BG Datasheet HTML 8Page - Amphenol PCD, Inc USB3FTV2BG Datasheet HTML 9Page - Amphenol PCD, Inc USB3FTV2BG Datasheet HTML 10Page - Amphenol PCD, Inc USB3FTV2BG Datasheet HTML 11Page - Amphenol PCD, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
94
Sealing
level IP54
(Splash and
dust Proof
)
USB3 Receptacle with Self Closing Cap
COMPLIANT
ROHS
N & B
Version: USB-A (front and back termination)
USB3F 21 X SCC
This Self Closing Cap automatically protects the USB3
square flange receptacles (MIL-C-26482 type), protecting
your system from dust and water projections.
The same cap can be used to protect RJ45, USB2.0, USB-B
and IEEE1394 receptacles. A spring automatically closes
the upper part of the cap when either the RJ Field plug,
RJ45 cordset, USB or IEEE1394 cordset, or USB key are
removed from the receptacle.
Part
number *
Plating
Metallized inserts (EMI)
USB3F 2B SCC
Black coated
No
USB3F 2N SCC
Nickel plated
Yes
USB3F 2G SCC
Olive drab cadmium plated
Yes
* The part number includes the receptacle + the self closing cap
RJF 21 X SCC, USBF 21 X SCC, USBBF 21 X SCC, & IEEE1394
RJ45 version
(see page 25)
IEEE1394 version
(see page 143)
USB-B version
(see page 118)
n
Note: Panel gasket with any of these receptacles: JE18
NEW
USB2.0-A version
(see page 107)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com