Electronic Components Datasheet Search
  English  ▼

X  

CTC012 Datasheet(PDF) 1 Page - Comus International

Part # CTC012
Description  Proximity Switch - Reed Switch based - Rectangular - Normally Open Contacts
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMUS [Comus International]
Direct Link  https://comus-intl.com/
Logo COMUS - Comus International

CTC012 Datasheet(HTML) 1 Page - Comus International

  CTC012 Datasheet HTML 1Page - Comus International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Options
Custom cable lengths, strip lengths, cable types,
terminations.
Higher Switching Voltage available.
If you do not see what you need, jusk ask, as there
is a strong possibility we can do it !
Applications Include
Position and limit sensing.
Linear actuators.
Security system switch.
Door Switch.
DIMENSIONS
280
(11.024)
8
(0.315)
Fixing Slots 3.3Ø
(0.13)
15
(0.591)
20
(0.787)
32
(1.26)
Countersink Ø6
(2.36)
4.2
(0.165)
Rev. No.
Revision Note
Date
Signature
1
First Issue
19-07-06
NG
As part of the company policy of continued product improvement, specifications may change without notice. Our sales office will be pleased to
help you with the latest information on this product range and the details of our full design and manufacturing service. All products are supplied
to our standard conditions of sale unless otherwise agreed in writing.
Phone : +44 (0)1255 862236
www.assemtech.co.uk
Fax: +44 (0)1255 862014
©2006 Copyright Assemtech Europe Ltd, Unit 7, Rice Bridge Industrial Estate, Thorpe - Le - Soken, Essex, CO16 0HL, ENGLAND.
Drawings not to scale
All dimensions in mm nominal
Proximity Switch - Reed Switch based - Rectangular - Normally Open Contacts
Part Number : CTC012
Suggested Magnet: CTCM
Product Data Sheet
SPECIFICATION
Contact Form / Style
Normally Open
Switching Voltage
200 Vac
Switching Current
0.5 A
Switching Capacity (Resistive)
10 VA
Switching Distance
10.0 mm Minimum
Operating Temperature - Continuous
-20°C +85°C
Operating Temperature - Intermittent
-25°C +85°C
Storage temperature
-25°C +85°C
Case Material
Aluminium
Cable
2 x 0.14mm² PVC Covered
PICTURE
FORM AE043 ISS.2
Did you know we also sell?
Float Switches
Magnets
Movement
Sensors
Reed Switches
Acceleration /
Shock Switches
Reed Relays
Solid State
Relays


Similar Part No. - CTC012

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTC0F CT-CTC0F Datasheet
156Kb / 1P
Conformal Coated Inductors - Axial
CTC0F-100J CT-CTC0F-100J Datasheet
156Kb / 1P
Conformal Coated Inductors - Axial
CTC0F-100K CT-CTC0F-100K Datasheet
156Kb / 1P
Conformal Coated Inductors - Axial
CTC0F-100M CT-CTC0F-100M Datasheet
156Kb / 1P
Conformal Coated Inductors - Axial
CTC0F-101J CT-CTC0F-101J Datasheet
156Kb / 1P
Conformal Coated Inductors - Axial
More results

Similar Description - CTC012

ManufacturerPart #DatasheetDescription
logo
HAMLIN Position and Mov...
MLRR-3 HAMLIN-MLRR-3 Datasheet
141Kb / 1P
Miniature normally open switch
logo
Pasternack Enterprises,...
PE71S6133 PASTERNACK-PE71S6133 Datasheet
471Kb / 4P
Normally Open Switch
logo
Teledyne Technologies I...
CCP-18D TELEDYNE-CCP-18D Datasheet
512Kb / 8P
Normally Open Coaxial Switch
CCP-18N TELEDYNE-CCP-18N Datasheet
591Kb / 10P
Normally Open Coaxial Switch
CCP-38S TELEDYNE-CCP-38S Datasheet
591Kb / 10P
Normally Open Coaxial Switch
CCR-58S TELEDYNE-CCR-58S Datasheet
826Kb / 13P
Normally Open Coaxial Switch
CCS-18 TELEDYNE-CCS-18 Datasheet
1,017Kb / 16P
Normally Open Coaxial Switch
CCT-38S TELEDYNE-CCT-38S Datasheet
804Kb / 10P
Normally Open Coaxial Switch
CCT-58S TELEDYNE-CCT-58S Datasheet
935Kb / 14P
Normally Open Coaxial Switch
CT-38S TELEDYNE-CT-38S Datasheet
926Kb / 14P
Normally Open Coaxial Switch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com