Electronic Components Datasheet Search
  English  ▼

X  

QTP7 Datasheet(PDF) 2 Page - QANTEK Technology Corporation All Rights reserved

Part # QTP7
Description  QTP7 Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QANTEK [QANTEK Technology Corporation All Rights reserved]
Direct Link  https://www.qantek.com/
Logo QANTEK - QANTEK Technology Corporation All Rights reserved

QTP7 Datasheet(HTML) 2 Page - QANTEK Technology Corporation All Rights reserved

  QTP7 Datasheet HTML 1Page - QANTEK Technology Corporation All Rights reserved QTP7 Datasheet HTML 2Page - QANTEK Technology Corporation All Rights reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
QANTEK Technology Corporation
Phone: +1 877-227-0440 (tollfree)
www.qantek.com
Fax:
+1 877-227-0440 (tollfree)
info@qantek.com
QTP7 Series
1.4x6.9 Plastic SMD Tuning Fork
Marking Code Guide
Contains frequency
Solder Reflow Profile
Frequency vs. Temperature Characteristics
To calculate the frequency stability the parabolic curvature constant (K) is needed.
For calculating the stability at 45°C:
1- Change in temperature (
DT) is (45-25) = +20°C
2- Change in frequency is (-0.034 x (
D°C)²) = (-0.034 x (20)²) = -13.6ppm



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com