Electronic Components Datasheet Search
  English  ▼

X  

3048 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 3048
Description  Mini HDMI to VGA Video Adapter with 3.5mm Stereo Cable
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

3048 Datasheet(HTML) 2 Page - Adafruit Industries

  3048 Datasheet HTML 1Page - Adafruit Industries 3048 Datasheet HTML 2Page - Adafruit Industries 3048 Datasheet HTML 3Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
-
DESCRIPTION
If you have a computer or tablet or device with Mini HDMI output but you want to
connect it to a projector, monitor or display with VGA input, you have come to the
right place! This nifty adapter cable has a Mini HDMI plug connector at one end and
at the other end a DB-15 VGA connector (it has hex nuts that you can remove if
you are trying to mate it with a cable that also has hex nuts). There's also an audio
jack on the side, this provides stereo headphone/line out (HDMI cables carry both
video and audio). You may also need a VGA DB15 male/male cable (not included
but available in the shop) to connect this to your monitor.
This product is very similar to our HDMI to VGA video adapter but with Mini HDMI
instead of HDMI.  This version works well with the Pi Zero and older VGA monitors
- and will output a nice crisp, vivid display. The adapter should work fantastic with
a Pi Zero right out of the box. To enable the audio and customize the resolution,
check the Technical tab for our suggested /boot/config.txt The easiest way to do
that is to insert the programmed Pi SD card into your computer and look for the
config.txt file that is in the root directory of the SD card, edit it, and save it. The
monitor will look best if you can set the mini HDMI output to the matching
resolution so try that if you want a good looking display.
It also works with other kinds of computers and mini HDMI output devices.
 Package comes with one HDMI to VGA adapter and one 3.5mm Male/Male Stereo
Cable!
2/24/2016
https://www.adafruit.com/products/3048



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com