Electronic Components Datasheet Search
  English  ▼

X  

3084 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 3084
Description  Mini Aluminum Heat Sink for Raspberry Pi - 13 x 13 x 3mm
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

3084 Datasheet(HTML) 2 Page - Adafruit Industries

  3084 Datasheet HTML 1Page - Adafruit Industries 3084 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Description
Looking for an ultra-thin heat sink for your Raspberry Pi 3? Check out this nice and slim 13x13x3mm Heat Sink!
This heat sink is made from high quality aluminum and will work perfectly with any Raspberry Pi  but is
best paired with a Raspberry Pi 3 since it can run a little hot. It comes with thermal adhesive already
applied to the back making installation super easy. Clean the surface of the chip of any dust or grease
then peel off the protective film and press the heat sink firmly onto the chip. You can use this heatsink
with any of our injection molded Adafruit Pi Enclosures, but it may not work with other enclosures and
some HATs may not fit on top with the heat sink installed.
We don't have formal specs for this heat sink, but when we ran 'stress -c 4' on the Pi 3 to run all 4 CPUs,
a heat-sink-less Pi quickly dropped down to 0.96 GHz to maintain thermal equilibrium. With this heat
sink installed, it could run at 1.02 GHz (so, 6% higher performance). It's a very minimal heatsink!
Note that you do not 
need  a heatsink for the Pi 3, it will automatically adjust its speed to avoid
overheating! It can also, of course, be used for other processors and chips.
Technical Details
Product Dimensions: 13.0mm x 13.0mm x 3.3mm / 0.5" x 0.5" x 0.1"
Product Weight: 0.7g/0.0oz
Engineered in NYC Adafruit ®



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com