Electronic Components Datasheet Search
  English  ▼

X  

3145 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 3145
Description  Small Single Row Wire Housing Pack for DIY Jumper Cables
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

3145 Datasheet(HTML) 2 Page - Adafruit Industries

  3145 Datasheet HTML 1Page - Adafruit Industries 3145 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical Details 
o
1x1 Housing Dimensions: 14.1mm x 2.6mm x 2.6mm / 0.55" x 0.1" x 0.1"
o
1x1 Housing Weight: 0g
o
1x2 Housing Dimensions: 14.1mm x 5.1mm x 2.6mm / 0.55" x 0.2" x 0.1"
o
1x2 Housing Weight: 0g
o
1x3 Housing Dimensions: 14.1mm x 7.7mm x 2.6mm / 0.55" x 0.3" x 0.1"
o
1x3 Housing Weight: 0g
o
1x4 Housing Dimensions: 14.1mm x 10.2mm x 2.6mm / 0.55" x 0.4" x 0.1"
o
1x4 Housing Weight: 0g
o
1x5 Housing Dimensions: 14.1mm x 12.8mm x 2.6mm / 0.55" x 0.5" x 0.1"
o
1x5 Housing Weight: 0g
 
 
                              Engineered in NYC Adafruit ® https://www.adafruit.com/product/3145 5‐5‐17 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com