Electronic Components Datasheet Search
  English  ▼

X  

3146 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 3146
Description  Large Single Row Housing Pack for DIY Jumper Cables
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

3146 Datasheet(HTML) 2 Page - Adafruit Industries

  3146 Datasheet HTML 1Page - Adafruit Industries 3146 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical Details 
o
1x6 Housing Dimensions: 14.1mm x 15.3mm x 2.6mm / 0.55" x 0.6" x 0.1"
o
1x6 Housing Weight: 0.3g
o
1x7 Housing Dimensions: 14.1mm x 17.9mm x 2.6mm / 0.55" x 0.7" x 0.1"
o
1x7 Housing Weight: 0.3g
o
1x8 Housing Dimensions: 14.1mm x 20.4mm x 2.6mm / 0.55" x 0.8" x 0.1"
o
1x8 Housing Weight: 0.4g
o
1x9 Housing Dimensions: 14.1mm x 22.9mm x 2.6mm / 0.55" x 0.9" x 0.1"
o
1x9 Housing Weight: 0.4g
o
1x10 Housing Dimensions: 14.1mm x 25.5mm x 2.6mm / 0.55" x 1.0" x 0.1"
o
1x10 Housing Weight: 0.5g
 
 
 
                              Engineered in NYC Adafruit ® https://www.adafruit.com/product/3146 5‐5‐17 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com