Electronic Components Datasheet Search
  English  ▼

X  

3166 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 3166
Description  Silicone Cover Stranded-Core Wire - 50ft 30AWG Blue
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

3166 Datasheet(HTML) 1 Page - Adafruit Industries

  3166 Datasheet HTML 1Page - Adafruit Industries 3166 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Silicone Cover Stranded-Core Wire - 50ft 30AWG Blue
PRODUCT ID: 3166
Description
Silicone-sheathing wire is super-flexible and soft, and its also strong! Able to handle up to 200°C
and up to 600V, it will do when PVC covered wire wimps out. We like this wire for being
extremely supple and flexible, so it is great for wearables or projects where the wire-harness has
to be able to deal with a lot of bending.
Comes with one 50ft spool of blue wire. The wire is 30AWG stranded with an outer diameter of
0.8mm.


Similar Part No. - 3166

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3166 ETC2-3166 Datasheet
113Kb / 2P
FLAT WASHERS NYLON FIBRE
3166 ETC2-3166 Datasheet
68Kb / 1P
WASHERS
logo
Heyco.
3166 HEYCO-3166 Datasheet
120Kb / 1P
Nylon Locknuts
logo
Keystone Electronics Co...
3166 KEYSTONE-3166 Datasheet
423Kb / 1P
WASHERS
31-07 20th
logo
3M Electronics
316618 3M-316618 Datasheet
213Kb / 7P
Product Specification
More results

Similar Description - 3166

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
114A ETC2-114A Datasheet
56Kb / 2P
Silicone Insulated Equipment Wire
BU-2929-M-10-0 ETC2-BU-2929-M-10-0 Datasheet
56Kb / 1P
Testlead, 4mm Stackable Bananas on Silicone Wire
BU-2929-M-20-0 ETC2-BU-2929-M-20-0 Datasheet
56Kb / 1P
Testlead, 4mm Stackable Bananas on Silicone Wire
BU-2929-M-39-0 ETC2-BU-2929-M-39-0 Datasheet
56Kb / 1P
Testlead, 4mm Stackable Bananas on Silicone Wire
BU-2929-M-72-0 ETC2-BU-2929-M-72-0 Datasheet
56Kb / 1P
Testlead, 4mm Stackable Bananas on Silicone Wire
WI-M-18-0 ETC2-WI-M-18-0 Datasheet
84Kb / 1P
18AWG Silicone Wire Specifications
PP001104 ETC2-PP001104 Datasheet
281Kb / 3P
High Temperature Silicone Wire SIAF/GL
logo
Japan Aviation Electron...
IL-Y-C3-A-10000 JAE-IL-Y-C3-A-10000 Datasheet
127Kb / 1P
APPLICABLE WIRE:#26~$30AWG, STRANDED
logo
Tripp Lite. All Rights ...
N020-01K-BL TRIPPLITE-N020-01K-BL Datasheet
160Kb / 2P
Cat5e 350MHz Bulk Stranded-Core PVC Cable - Blue, 1000-ft., TAA
logo
SparkFun Electronics
TOL-14762 SPARKFUN-TOL-14762 Datasheet
912Kb / 2P
Wire Strippers - 22-30AWG
9??7??8
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com