Electronic Components Datasheet Search
  English  ▼

X  

3169 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 3169
Description  Silicone Cover Stranded-Core Wire - 50ft 30AWG White
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

3169 Datasheet(HTML) 1 Page - Adafruit Industries

  3169 Datasheet HTML 1Page - Adafruit Industries 3169 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Silicone Cover Stranded-Core Wire - 50ft 30AWG White
PRODUCT ID: 3169
Description
Silicone-sheathing wire is super-flexible and soft, and its also strong! Able to handle up to 200°C
and up to 600V, it will do when PVC covered wire wimps out. We like this wire for being
extremely supple and flexible, so it is great for wearables or projects where the wire-harness has
to be able to deal with a lot of bending.
Comes with one 50ft spool of white wire. The wire is 30AWG stranded with an outer diameter of
0.8mm.


Similar Part No. - 3169

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3169 ETC2-3169 Datasheet
113Kb / 2P
FLAT WASHERS NYLON FIBRE
logo
KR Electronics, Inc.
3169 KR-3169 Datasheet
70Kb / 3P
70 MHz Bandpass Filter
logo
List of Unclassifed Man...
3169 ETC2-3169 Datasheet
68Kb / 1P
WASHERS
logo
Heyco.
3169 HEYCO-3169 Datasheet
120Kb / 1P
Nylon Locknuts
logo
Keystone Electronics Co...
3169 KEYSTONE-3169 Datasheet
423Kb / 1P
WASHERS
31-07 20th
More results

Similar Description - 3169

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
114A ETC2-114A Datasheet
56Kb / 2P
Silicone Insulated Equipment Wire
WI-M-18-0 ETC2-WI-M-18-0 Datasheet
84Kb / 1P
18AWG Silicone Wire Specifications
logo
Japan Aviation Electron...
IL-Y-C3-A-10000 JAE-IL-Y-C3-A-10000 Datasheet
127Kb / 1P
APPLICABLE WIRE:#26~$30AWG, STRANDED
logo
SunLED Corporation
XZMDH160S SUNLED-XZMDH160S Datasheet
370Kb / 9P
White ceramic package with silicone resin
logo
OSRAM GmbH
LRW5AM OSRAM-LRW5AM Datasheet
625Kb / 16P
white SMD package, colorless clear silicone resin, clear silicone lens
LVW5SN OSRAM-LVW5SN Datasheet
382Kb / 18P
white SMD package, colorless clear silicone
LR-W5AM OSRAM-LR-W5AM Datasheet
625Kb / 16P
white SMD package, colorless clear silicone resin, clear silicone lens
LUW-JLSH OSRAM-LUW-JLSH Datasheet
4Mb / 23P
white SMT package, colored silicone resin
logo
SparkFun Electronics
PRT-08866 SPARKFUN-PRT-08866 Datasheet
94Kb / 1P
Hook-up Stranded Wire - White (22 AWG)
3/28/2017
TOL-14762 SPARKFUN-TOL-14762 Datasheet
912Kb / 2P
Wire Strippers - 22-30AWG
9??7??8
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com